Electronic Components Datasheet Search
  English  ▼

X  

UE48-2OS2D2 Datasheet(PDF) 32 Page - SICK AG

Part # UE48-2OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 Datasheet(HTML) 32 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 28Page - SICK AG UE48-2OS2D2 Datasheet HTML 29Page - SICK AG UE48-2OS2D2 Datasheet HTML 30Page - SICK AG UE48-2OS2D2 Datasheet HTML 31Page - SICK AG UE48-2OS2D2 Datasheet HTML 32Page - SICK AG UE48-2OS2D2 Datasheet HTML 33Page - SICK AG UE48-2OS2D2 Datasheet HTML 34Page - SICK AG UE48-2OS2D2 Datasheet HTML 35Page - SICK AG UE48-2OS2D2 Datasheet HTML 36Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
3 2
ue42-2Hd
Product description
The UE42-2HD safety relay takes over
the control of the 2 pushbuttons of a
two-hand control device with each push-
button having 2 antivalent contact pairs.
The safety relay controls the antivalence
of the pushbuttons and monitors the
maximum discrepancy time of 500 ms
between both pushbuttons.
at a glance
• Evaluation unit for two-hand controls
Type III C, in accordance with EN 574
• Discrepancy time 500 ms
• 2 safety outputs, 1 application diag-
nostic output
• Monitoring of the external actuators
possible
• External device monitoring (EDM)
• Coded plugs for all slots
Your benefits
• Complete monitoring and evaluation
of two-hand controls
• Saves costs thanks to its application-
oriented construction
• Fast diagnostics via status informa-
tion reduces downtime
• Fast, tool-free exchange via coded,
plug-in screw-type terminals
• Combines the advantages of classic
relays and easy circuitry
UE42-2HD
Safety relays for two-hand controls
additional information
Detailed technical data. . . . . . . . . . . 33
Ordering information. . . . . . . . . . . . . 34
Dimensional drawings . . . . . . . . . . . 35
Internal circuitry . . . . . . . . . . . . . . . . 36
Connection diagrams . . . . . . . . . . . . 37
-
-
www.mysick.com/en/UE42-2HD
For more information, just enter the link or scan the QR code and get direct access to technical
data, CAD design models, operating instructions, software, application examples and much more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com