Electronic Components Datasheet Search
  English  ▼

X  

UE48-2OS2D2 Datasheet(PDF) 67 Page - SICK AG

Part # UE48-2OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 Datasheet(HTML) 67 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 63Page - SICK AG UE48-2OS2D2 Datasheet HTML 64Page - SICK AG UE48-2OS2D2 Datasheet HTML 65Page - SICK AG UE48-2OS2D2 Datasheet HTML 66Page - SICK AG UE48-2OS2D2 Datasheet HTML 67Page - SICK AG UE48-2OS2D2 Datasheet HTML 68Page - SICK AG UE48-2OS2D2 Datasheet HTML 69Page - SICK AG UE48-2OS2D2 Datasheet HTML 70Page - SICK AG UE48-2OS2D2 Datasheet HTML 71Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
6 7
ue45-3S1
ordering information
connection type
off-delay time
type
Part no
Screw-type terminals
0.15 s ... 3 s
UE45-3S12D33
6024911
1.5 s ... 30 s
UE45-3S12D330
6024913
Plug-in screw-type terminals
0.15 s ... 3 s
UE45-3S13D33
6024912
1.5 s ... 30 s
UE45-3S13D330
6024914
dimensional drawings
dimensions in mm (inch)
Screw-type terminals
(3.25)
82.5
(3.67)
93.3
(3.8)
96.5
(1.9)
48.3
(2.63)
66.7
(2.48)
63
Plug-in screw-type terminals
(3.07)
78
(3.67)
93.3
(3.8)
96.5
(2.28)
58
(2.64)
67
(3.35)
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com