Electronic Components Datasheet Search
  English  ▼

X  

UE48-2OS Datasheet(PDF) 45 Page - SICK AG

Part # UE48-2OS
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS Datasheet(HTML) 45 Page - SICK AG

Back Button UE48-2OS Datasheet HTML 41Page - SICK AG UE48-2OS Datasheet HTML 42Page - SICK AG UE48-2OS Datasheet HTML 43Page - SICK AG UE48-2OS Datasheet HTML 44Page - SICK AG UE48-2OS Datasheet HTML 45Page - SICK AG UE48-2OS Datasheet HTML 46Page - SICK AG UE48-2OS Datasheet HTML 47Page - SICK AG UE48-2OS Datasheet HTML 48Page - SICK AG UE48-2OS Datasheet HTML 49Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
4 5
ue43-3mf
detailed technical data
General data
Safety-related parameters
Safety integrity level SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category Category 4 (EN ISO 13849)
Performance level PL e (EN ISO 13849)
B
10d parameter
1 x 106 switching cycles (AC-15, 230 V, I = 0.5 A)
3.5 x 105 switching cycles (DC-13, 24 V, I = 2 A)
1.2 x 106 switching cycles (DC-13, 24 V, I = 0.5 A)
PFHd (mean probability of a dangerous failure
per hour)
3.0 x 10-8 (EN ISO 13849)
T
M (mission time)
20 years (EN ISO 13849)
Stop category
0 (EN 60204-1)
Electrical data
General electrical data
ue43-3mf2a0
ue43-3mf2a1
ue43-3mf2a2
ue43-3mf2a3
ue43-3mf2d3
Voltage supply
A1, A2
Output circuit > 25 V AC / 60 V DC
PELV
Output circuit ≤ 25 V AC / 60 V DC
PELV or SELV
Supply voltage
A1, A2
24 V AC (20.4 V
AC ... 26.4 V AC)
115 V AC (97.8 V
AC ... 126.5 V AC)
120 V AC (102 V
AC ... 132 V AC)
230 V AC
(195.5 V AC ...
253 V AC)
24 V DC (20.4 V
DC ... 26.4 V DC)
Power consumption
≤ 3.2 VA (AC)
≤ 1 W (DC)
residual ripple
–
≤ 2.4 V
pp
1)
1)
In DC operation, within the limits of V
S.
Control voltage: Y11, Y21
ue43-3mf2a0
ue43-3mf2a1
ue43-3mf2a2
ue43-3mf2a3
ue43-3mf2d3
control voltage
24 V DC
control current
40 mA
Short-circuit current
≤ 1 A, between Y11 and A2
fuse
Short-circuit protected transformer
PTC resistor
Galvanized decoupling
l
(between A1, A2 and Y11, Y21, PE)
–
Input circuits: Y12, Y31, Y22
Input current
Y12, Y31 ≤ 15 mA
reset time
Manual 150 ms
Automatic 800 ms
Synchronous time monitoring
≤ 500 ms
cable resistance
≤ 70 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com