Electronic Components Datasheet Search
  English  ▼

X  

UE48-2OS Datasheet(PDF) 6 Page - SICK AG

Part # UE48-2OS
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS Datasheet(HTML) 6 Page - SICK AG

Back Button UE48-2OS Datasheet HTML 2Page - SICK AG UE48-2OS Datasheet HTML 3Page - SICK AG UE48-2OS Datasheet HTML 4Page - SICK AG UE48-2OS Datasheet HTML 5Page - SICK AG UE48-2OS Datasheet HTML 6Page - SICK AG UE48-2OS Datasheet HTML 7Page - SICK AG UE48-2OS Datasheet HTML 8Page - SICK AG UE48-2OS Datasheet HTML 9Page - SICK AG UE48-2OS Datasheet HTML 10Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Output expansion modules for OSSDs
6
ue10-2fG
Product description
The UE10-2FG safety relay is an optimal
output module for opto-electronic protec-
tive devices or safety controllers. By
protecting machines and systems, the
safety relay takes over the electrical sig-
nals and reliably switches the connected
actuators.
at a glance
• Ideal for applications with opto-elec-
tronic protective devices and safety
controllers with OSSD outputs
• Fast response time of 10 ms
• Compact design
• 2 contact outputs
• Feedback path for external device
monitoring (EDM)
• Screw-type terminals or plug-in screw-
type terminals
• Coded plugs for all slots
Your benefits
• Faster response times provide short
safety distances
• Saves space in the control cabinet
thanks to its compact design
• Reduced wiring effort for fast and
easy system commissioning
sens:Control - safe control solutions
Safety relays
Output expansion modules for OSSDs
UE10-2FG
Subject to change without notice
the ideal solution to integrate relay outputs
additional information
Detailed technical data. . . . . . . . . . . . .7
Ordering information. . . . . . . . . . . . . . .8
Dimensional drawings . . . . . . . . . . . . .9
Internal circuitry . . . . . . . . . . . . . . . . . .9
Connection diagrams . . . . . . . . . . . . 10
-
-
www.mysick.com/en/UE10-2FG
For more information, just enter the link or scan the QR code and get direct access to technical
data, CAD design models, operating instructions, software, application examples and much more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com