Electronic Components Datasheet Search
  English  ▼

X  

ADM1068 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1068
Description  Super Sequencer??and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1068 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1068 Datasheet HTML 12Page - Analog Devices ADM1068 Datasheet HTML 13Page - Analog Devices ADM1068 Datasheet HTML 14Page - Analog Devices ADM1068 Datasheet HTML 15Page - Analog Devices ADM1068 Datasheet HTML 16Page - Analog Devices ADM1068 Datasheet HTML 17Page - Analog Devices ADM1068 Datasheet HTML 18Page - Analog Devices ADM1068 Datasheet HTML 19Page - Analog Devices ADM1068 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADM1068
Preliminary Technical Data
Rev. PrB | Page 16 of 28
SEQUENCING ENGINE APPLICATION EXAMPLE
The application in this section demonstrates the operation of
the SE. Figure 20 shows how the simple building block of a
single SE state can be used to build a power-up sequence for a
3-supply system.
Table 7 lists the PDO outputs for each state in the same SE
implementation. In this system, the presence of a good 5 V supply
on VP1 and the VX1 pin held low are the triggers required for a
power-up sequence to start. The sequence intends to turn on
the 3.3 V supply next, then the 2.5 V supply (assuming successful
turn-on of the 3.3 V supply). Once all three supplies are good,
the PWRGD state is entered, where the SE remains until a fault
occurs on one of the three supplies, or it is instructed to go
through a power-down sequence by VX1 going high.
Faults are dealt with throughout the power-up sequence on a
case-by-case basis. The following sections, which describe the
individual blocks, use this sample application to demonstrate
the state machine’s actions.
IDLE1
IDLE2
EN3V3
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
SEQUENCE
STATES
MONITOR FAULT
STATES
TIMEOUT
STATES
VX1 = 0
VP1 = 1
VP1 = 0
(VP1 + VP2) = 0
(VP1 + VP2 + VP3) = 0
(VP1 +
VP2) = 0
VP2 = 1
VP3 = 1
VP2 = 0
VX1 = 1
VP3 = 0
VP2 = 0
VP1 = 0
VX1 = 1
VX1 = 1
10ms
20ms
EN2V5
Figure 20. Sample Application Flow Diagram
Table 7. PDO Outputs for Each State
PDO Outputs
IDLE1
IDLE2
EN3V3
EN2V5
DIS3V3
DIS2V5
PWRGD
FSEL1
FSEL2
PDO1 = 3V3ON
0
0
1
1
0
1
1
1
1
PDO2 = 2V5ON
0
0
0
1
1
0
1
1
1
PDO3 = FAULT
0
0
0
0
1
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com