Electronic Components Datasheet Search
  English  ▼

X  

ADM1068 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1068
Description  Super Sequencer??and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1068 Datasheet(HTML) 3 Page - Analog Devices

  ADM1068 Datasheet HTML 1Page - Analog Devices ADM1068 Datasheet HTML 2Page - Analog Devices ADM1068 Datasheet HTML 3Page - Analog Devices ADM1068 Datasheet HTML 4Page - Analog Devices ADM1068 Datasheet HTML 5Page - Analog Devices ADM1068 Datasheet HTML 6Page - Analog Devices ADM1068 Datasheet HTML 7Page - Analog Devices ADM1068 Datasheet HTML 8Page - Analog Devices ADM1068 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Technical Data
ADM1068
Rev. PrB | Page 3 of 28
GENERAL DESCRIPTION
(continued from Page 1)
The device provides up to eight programmable inputs for
monitoring under, over, or out-of-window faults on up to eight
supplies. In addition, eight programmable outputs can be used
as logic enables. Six of them can also provide up to a 12 V
output for driving the gate of an N-channel FET, which can be
placed in the path of a supply.
The logical core of the device is a sequencing engine. This state-
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs,
based on the condition of the inputs.
The device is controlled via configuration data that can be
programmed into an EEPROM. The whole configuration can be
programmed using an intuitive GUI-based software package
provided by ADI.
GPI SIGNAL
CONDITIONING
SFD
GPI SIGNAL
CONDITIONING
SFD
SFD
SFD
SELECTABLE
ATTENUATOR
SELECTABLE
ATTENUATOR
DEVICE
CONTROLLER
OSC
EEPROM
SDA SCL
A1
A0
SMBus
INTERFACE
ADM1068
CONFIGURABLE
O/P DRIVER
(HV)
PDO1
PDO2
PDOGND
PDO3
GND
PDO4
PDO5
CONFIGURABLE
O/P DRIVER
(HV)
PDO6
CONFIGURABLE
O/P DRIVER
(LV)
PDO7
CONFIGURABLE
O/P DRIVER
(LV)
PDO8
SEQUENCING
ENGINE
VX2
VX3
VP2
VP3
VH
VP1
VX1
AGND
VX4
VDD
ARBITRATOR
VCCP
REG 5.25V
CHARGE PUMP
REFOUT
10
µF
REFGND
VREF
10
µF
10
µF
VDDCAP
Figure 2. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com