Electronic Components Datasheet Search
  English  ▼

X  

FAS2720 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FAS2720
Description  NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAS2720 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FAS2720 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS2720 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS2720 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS2720 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Optimize your NetApp systems with the predictive analytics
and proactive support of NetApp Active IQ®. Fueled by
NetApp’s massive user base, Active IQ artificial intelligence
and machine learning create actionable insights that help you
prevent problems, optimize your configuration, save time, and
make smarter decisions.
• Protect your critical data more efficiently with integrated
data protection by using NetApp technologies such as RAID-
TEC® (triple-parity) and Snapshot™.
OnCommand® System Manager is a simple but powerful browser-
based management tool to simplify ongoing management and
administration. Now running natively in ONTAP, it can be accessed
using a browser to initialize the cluster and create storage virtual
machines (SVMs) for data access. Later, OnCommand System
Manager can manage the entire cluster from within ONTAP,
eliminating the need for an external management server.
In addition to the standard set of powerful software that comes
in the Base Bundle with every FAS2700 system, the optional
Premium Bundle and extended value software products offer
advanced capabilities such as instant data recovery, instant
cloning, synchronous data replication, application-aware backup
and recovery, NetApp Volume Encryption, and data retention.
Delivers the most value for your IT investment
FAS2700 hybrid storage arrays are built to deliver robust
capabilities, so your investment supports the broadest possible
set of IT needs. Each FAS2700 delivers:
• Increased price performance value. Flash Cache™ intelligent
data caching, based on NVMe technology, is integrated into all
FAS2700 models to accelerate workloads, reduce latency, and
deliver 30% higher performance compared to the previous
FAS2600 generation.
• Best-in-class storage efficiency. Enhanced inline compression
delivers efficiency and storage savings without compromising
performance. Along with inline deduplication, inline compaction,
thin provisioning, and other data reduction technologies, these
features deliver leading storage efficiency.
• Advanced IT integration options. The enhanced onboard con-
nectivity of the FAS2700 supports a broader set of applications
with your choice of eight flexible, unified target adapters
(UTA2s) or eight 10GBase-T ports, as well as four 10GbE ports.
• Expanded enterprise-class data management. Leverage
NDO, adaptive QoS, and superior virtualization integration,
which are usually offered only in the highest-end systems,
to meet complicated IT needs.
• Security. Easily, efficiently protect your at-rest data by
encrypting any volume on FAS (and AFF) systems with
NetApp Volume Encryption. No special encrypting disks
required. Plus, multifactor authentication increases security,
and cryptographic shredding enables GDPR compliance.
• Scalable NAS containers. With NetApp FlexGroup, support
very large NAS environments in a single namespace that can
scale up to 20PB and 400 billion files with consistent high
performance and resiliency.
Built to meet your changing needs
As your business grows and priorities change, it is important to
have a storage solution that responds to your changing IT require-
ments dynamically and cost effectively. The NetApp FAS2700
series provides multiple ways to support your growing needs:
• Start small and grow big by nondisruptively adding more nodes
as needed, without incurring large capital expenses up front.
• Support and consolidate new NAS and SAN workloads with a
unified architecture.
• Scale out up to 24 nodes to support your increasing storage
requirements.
• Upgrade to higher-end NetApp systems while using the same
data management software and tools, which reduces adminis-
trative overhead by up to 60% by eliminating retraining.
• Get built-in investment protection with the ability to convert
your FAS2750 and FAS2720 systems to an external disk shelf
when you upgrade to larger NetApp systems.
Figure 1) You don’t need to be an expert to configure your storage with the simple, easy-to-use
NetApp OnCommand System Manager console.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com