Electronic Components Datasheet Search
  English  ▼

X  

FAS2720 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FAS2720
Description  NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAS2720 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FAS2720 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS2720 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS2720 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS2720 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2018 NetApp, Inc. All Rights Reserved. NETAPP, the NETAPP logo, and the marks listed at http://www.netapp.com/TM are trademarks of NetApp, Inc. Other company and product
names may be trademarks of their respective owners. DS-3929-0918
Table 3) FAS2700 series software.
Software included in ONTAP 9 Base Bundle
The Base Bundle includes the following NetApp technologies:
• Storage protocols: All supported data protocol licenses (FC, FCoE, iSCSI, NFS, pNFS, CIFS/SMB)
• Efficiency: NetApp FlexVol® deduplication, compression, compaction, and thin provisioning
• Availability: Multipath I/O
• Data protection: RAID-TEC, RAID DP®, and Snapshot technologies
• Performance: Adaptive QoS
• Scalable NAS container: FlexGroup
• Management: OnCommand System Manager and OnCommand Unified Manager
Software included in ONTAP 9 Premium Bundle
(optional)
To add capabilities onto the Base Bundle, the optional Premium Bundle includes the following NetApp technologies:
• FlexClone®: Instant virtual copies with file and volume granularity
• SnapMirror®: Integrated data replication technology for simple, efficient, flexible disaster recovery and backup
use cases
• SnapRestore®: Data recovery software to restore entire Snapshot copies in seconds
• SnapCenter®: Unified, scalable software and plug-in suite for application-consistent data protection and clone
management
• SnapManager® suite: Application- and virtual machine–aware backup and cloning
See NetApp.com for information about additional software available from NetApp.
Extended value software (optional)
Separate optional software, beyond the Base Bundle and Premium Bundle, is also available:
• OnCommand Insight: Infrastructure analytics platform that provides optimization, troubleshooting, monitoring,
and cost analysis for your IT infrastructure
• SnapMirror Synchronous: Synchronous replication for zero data loss protection (RPO=0)
• FlexCache: Accelerate read performance with cached datasets within a cluster and at remote sites.
• SnapLock®: Compliance software for write once, read many (WORM)–protected file data
• Volume Encryption: Granular, volume-level data-at-rest encryption
Table 2) Specifications for scale-out configurations (hybrid and disk-only configurations).
FAS2750
FAS2720
NAS scale-out
1–24 nodes (12 HA pairs)
1–24 nodes (12 HA pairs)
SAN scale-out
1–12 nodes (6 HA pairs)
1–12 nodes (6 HA pairs)
Maximum drives
1728
1728
Maximum raw capacity
15.0PB
17.1PB
Table 1) FAS2700 series overview.
Specifications per HA pair
FAS2750
FAS2720
Maximum raw capacity1
1243TB
1440TB
Maximum drives
144
144
Controller form factor
2U/24 internal drives
2U/12 internal drives
OS version
ONTAP 9.4 and later
ONTAP 9.4 and later
Shelves and media
See the Shelves and Media page1 on NetApp.com for
current information.
Storage protocols supported
FC, FCoE, iSCSI, NFS, pNFS,
CIFS/SMB
FC, FCoE, iSCSI, NFS, pNFS,
CIFS/SMB
Note: All specifications are for dual-controller, active-active configurations.
1. Maximum raw capacity depends on the drive offerings. See the Shelves and Media page on NetApp.com (netapp.com/us/products/storage-systems/disk-shelves-and-storage-media/index.aspx) for current information.
FAS2700 Series Software
The ONTAP 9 Base Bundle includes a set of software products that deliver leading data management, storage efficiency, data protection,
and high performance. The optional Premium Bundle and extended-value software products provide advanced capabilities, including
instant cloning, data replication, application-aware backup and recovery, NetApp Volume Encryption, and data retention.
About NetApp
NetApp is the data authority for hybrid cloud. We provide a full
range of hybrid cloud data services that simplify management
of applications and data across cloud and on-premises
environments to accelerate digital transformation. Together
with our partners, we empower global organizations to unleash
the full potential of their data to expand customer touchpoints,
foster greater innovation and optimize their operations. For more
information, visit www.netapp.com. #DataDriven



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com