Electronic Components Datasheet Search
  English  ▼

X  

2702137 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2702137
Description  Antenna - ANT-DIR-868-01
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702137 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2702137 Datasheet HTML 1Page - PHOENIX CONTACT 2702137 Datasheet HTML 2Page - PHOENIX CONTACT 2702137 Datasheet HTML 3Page - PHOENIX CONTACT 2702137 Datasheet HTML 4Page - PHOENIX CONTACT 2702137 Datasheet HTML 5Page - PHOENIX CONTACT 2702137 Datasheet HTML 6Page - PHOENIX CONTACT 2702137 Datasheet HTML 7Page - PHOENIX CONTACT 2702137 Datasheet HTML 8Page - PHOENIX CONTACT 2702137 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Directional antenna for mast or wall mounting, frequency band: 868 MHz, gain: 3.5 dBi, circular
polarized, degree of protection: IP67, shockproof: IK06, seawater-resistant, connection:
N (female), incl. mounting bracket and mast clamps, ATEX and IECEx approval
Your advantages
For applications in reflective environments
•
For point-to-point connections
•
For use in potentially explosive areas
•
Resistant to salt water
•
Commercial Data
Item number
2702137
Packing unit
1 pc
Minimum order quantity
1 pc
Product Key
DNC6A2
Catalog Page
Page 390 (C-6-2019)
GTIN
4055626006512
Weight per Piece (including packing)
519.2 g
Weight per Piece (excluding packing)
519.2 g
Country of origin
PL
Antenna - ANT-DIR-868-01
2702137
https://www.phoenixcontact.com/us/products/2702137
Dec 6, 2022, 6:17 AM
Page 1 (16)


Similar Part No. - 2702137

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702131 PHOENIX-2702131 Datasheet
86Kb / 6P
EtherNet/IP??bus coupler, extreme conditions version, 8 inputs 24 V DC, 4 outputs 24 V DC, 500 mA, complete with I/O connectors
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
2702134 PHOENIX-2702134 Datasheet
520Kb / 15P
Special function module - IB IL CNT-XC-PAC
Dec 9, 2022
2702136 PHOENIX-2702136 Datasheet
243Kb / 6P
Antenna - ANT-OMNI-868-01
12/24/2021
2702139 PHOENIX-2702139 Datasheet
81Kb / 9P
Router - FL MGUARD RS2000 TX/TX-B
More results

Similar Description - 2702137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-CW-HWR-RPS ETC2-ANT-868-CW-HWR-RPS Datasheet
98Kb / 1P
ANT-868-CW-HWR-RPS
ANT-868-JJB-RA ETC2-ANT-868-JJB-RA Datasheet
179Kb / 1P
ANT-868-JJB-XX
logo
PHOENIX CONTACT
2701186 PHOENIX-2701186 Datasheet
150Kb / 5P
Antenna - ANT-DIR-2459-01
2701347 PHOENIX-2701347 Datasheet
69Kb / 3P
Antenna - ANT-OMNI-5900-01
2701348 PHOENIX-2701348 Datasheet
45Kb / 2P
Antenna - ANT-DIR-5900-01
2903590 PHOENIX-2903590 Datasheet
60Kb / 2P
Antenna - TC ANT MOBILE/GPS
1090616 PHOENIX-1090616 Datasheet
303Kb / 7P
Antenna - ANT-OMNI-VAN-868-01
12/24/2021
2702136 PHOENIX-2702136 Datasheet
243Kb / 6P
Antenna - ANT-OMNI-868-01
12/24/2021
1396316 PHOENIX-1396316 Datasheet
922Kb / 10P
Antenna - ANT-OMNI-0671-01
Dec 6, 2022
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com