Electronic Components Datasheet Search
  English  ▼

X  

2702137 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2702137
Description  Antenna - ANT-DIR-868-01
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702137 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702137 Datasheet HTML 1Page - PHOENIX CONTACT 2702137 Datasheet HTML 2Page - PHOENIX CONTACT 2702137 Datasheet HTML 3Page - PHOENIX CONTACT 2702137 Datasheet HTML 4Page - PHOENIX CONTACT 2702137 Datasheet HTML 5Page - PHOENIX CONTACT 2702137 Datasheet HTML 6Page - PHOENIX CONTACT 2702137 Datasheet HTML 7Page - PHOENIX CONTACT 2702137 Datasheet HTML 8Page - PHOENIX CONTACT 2702137 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical Data
Notes
Utilization restriction
CCCex note
Use in potentially explosive areas is not permitted in China.
Product properties
Product type
Antenna
Radiation characteristics
Directional
Gain
3.5 dBi
Vertical beamwidth
90 °
Horizontal beamwidth
135 °
Polarization
Circular clockwise
Electrical properties
Frequency band
868 MHz
Frequency range
868 MHz ... 870 MHz
Impedance
50 Ω
Maximum capacity
10.00 W
Connection data
Connection technology
Connection method
N (female)
Outside diameter
25 mm ... 85 mm (Mast)
Ex data
Safety data
Input voltage Ui
30 V
Input current Ii
600 mA
Input power Pi
≤ 1 W (30 dB)
Max. internal inductance Li
negligible
Capacitance Ci
negligible
Dimensions
Dimensional drawing
Width
80 mm
Antenna - ANT-DIR-868-01
2702137
https://www.phoenixcontact.com/us/products/2702137
Dec 6, 2022, 6:17 AM
Page 2 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com