Electronic Components Datasheet Search
  English  ▼

X  

2891007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2891007
Description  Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX ST
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2891007 Datasheet HTML 1Page - PHOENIX CONTACT 2891007 Datasheet HTML 2Page - PHOENIX CONTACT 2891007 Datasheet HTML 3Page - PHOENIX CONTACT 2891007 Datasheet HTML 4Page - PHOENIX CONTACT 2891007 Datasheet HTML 5Page - PHOENIX CONTACT 2891007 Datasheet HTML 6Page - PHOENIX CONTACT 2891007 Datasheet HTML 7Page - PHOENIX CONTACT 2891007 Datasheet HTML 8Page - PHOENIX CONTACT 2891007 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Wide-temperature Ethernet switch, 7 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in ST
format, automatic detection of data transmission speed of 10/100 Mbps (RJ45), autocrossing
function, reads QoS priority messages, accepts security frames
Your advantages
QoS-prioritized (Quality of Service) messages
•
Wide operating temperature range of -40 °C ... 75 °C
•
RJ45 ports support a transmission speed of 10/100 Mbps
•
Fiber-optic ports support 100 Mbps
•
Local diagnostic indicators with LEDs
•
The switch also offers cable locking and port blocking
•
Alarm contact for power supply and link status diagnostics
•
Auto negotiation and autocrossing detection simplifies installation and setup
•
Commercial Data
Item number
2891007
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
C23
Product Key
DNN113
Catalog Page
Page 297 (C-6-2019)
GTIN
4046356457224
Weight per Piece (including packing)
635.7 g
Weight per Piece (excluding packing)
470 g
Customs tariff number
85176200
Country of origin
TW
Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX
ST
2891007
https://www.phoenixcontact.com/us/products/2891007
Dec 2, 2022, 6:37 AM
Page 1 (19)


Similar Part No. - 2891007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2891001 PHOENIX-2891001 Datasheet
91Kb / 7P
Industrial Ethernet Switch - FL SWITCH SFNB 5TX
09/12/2020
2891002 PHOENIX-2891002 Datasheet
393Kb / 12P
Industrial Ethernet Switch - FL SWITCH SFNB 8TX
Dec 2, 2022
2891003 PHOENIX-2891003 Datasheet
101Kb / 8P
Industrial Ethernet Switch - FL SWITCH SFNT 5TX
09/12/2020
2891004 PHOENIX-2891004 Datasheet
643Kb / 21P
Industrial Ethernet Switch - FL SWITCH SFNT 4TX/FX
Dec 2, 2022
2891005 PHOENIX-2891005 Datasheet
424Kb / 14P
Industrial Ethernet Switch - FL SWITCH SFNT 8TX
Dec 2, 2022
More results

Similar Description - 2891007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1085179 PHOENIX-1085179 Datasheet
269Kb / 9P
Industrial Ethernet Switch - FL SWITCH 1004N-FX ST
2891026 PHOENIX-2891026 Datasheet
112Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX ST
01/21/2022
2891003 PHOENIX-2891003 Datasheet
101Kb / 8P
Industrial Ethernet Switch - FL SWITCH SFNT 5TX
09/12/2020
2891453 PHOENIX-2891453 Datasheet
105Kb / 9P
Industrial Ethernet Switch - FL SWITCH SFN 4TX/FX ST
09/12/2020
2891952 PHOENIX-2891952 Datasheet
94Kb / 7P
Industrial Ethernet Switch - FL SWITCH SFNT 16TX
09/12/2020
2891954 PHOENIX-2891954 Datasheet
116Kb / 10P
Industrial Ethernet Switch - FL SWITCH SFNT 14TX/2FX
09/12/2020
2891005 PHOENIX-2891005 Datasheet
424Kb / 14P
Industrial Ethernet Switch - FL SWITCH SFNT 8TX
Dec 2, 2022
2891006 PHOENIX-2891006 Datasheet
658Kb / 22P
Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX
Dec 2, 2022
2891025 PHOENIX-2891025 Datasheet
631Kb / 20P
Industrial Ethernet Switch - FL SWITCH SFNT 6TX/2FX
Dec 2, 2022
2891004 PHOENIX-2891004 Datasheet
643Kb / 21P
Industrial Ethernet Switch - FL SWITCH SFNT 4TX/FX
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com