Electronic Components Datasheet Search
  English  ▼

X  

2891007 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2891007
Description  Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX ST
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2891007 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2891007 Datasheet HTML 1Page - PHOENIX CONTACT 2891007 Datasheet HTML 2Page - PHOENIX CONTACT 2891007 Datasheet HTML 3Page - PHOENIX CONTACT 2891007 Datasheet HTML 4Page - PHOENIX CONTACT 2891007 Datasheet HTML 5Page - PHOENIX CONTACT 2891007 Datasheet HTML 6Page - PHOENIX CONTACT 2891007 Datasheet HTML 7Page - PHOENIX CONTACT 2891007 Datasheet HTML 8Page - PHOENIX CONTACT 2891007 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Data
Dimensions
Width
50 mm
Height
130 mm
Depth
100 mm
Notes
Utilization restriction
CCCex note
Use in potentially explosive areas is not permitted in China.
Material specifications
Housing material
Aluminum
Mounting
Mounting type
DIN rail mounting
Interfaces
Ethernet (RJ45)
Connection method
RJ45
Note on the connection method
Auto negotiation and autocrossing
Transmission speed
10/100 Mbps
Transmission physics
Ethernet in RJ45 twisted pair
Transmission length
100 m (per segment)
Signal LEDs
Data receive, link status
No. of channels
7 (RJ45 ports)
Fiber optic interface
Connection method
ST
Transmission speed
100 Mbps (full duplex)
Transmission physics
multi-mode fiberglass
12.1 km (fiberglass with F-G 62.5/125 0.7 dB/km F1000)
3.3 km (fiberglass with F-G 62.5/125 2.6 dB/km F600)
7.1 km (fiberglass with F-G 50/125 0.7 dB/km F1200)
Transmission length
3.1 km (fiberglass with F-G 50/125 1.6 dB/km F800)
Wavelength
1300 nm
No. of channels
1 (ST multi-mode)
Product properties
Type
Block design
Product type
Switch
MTTF
57.4 Years (MIL-HDBK-217F standard, temperature 25°C,
operating cycle 100%)
Industrial Ethernet Switch - FL SWITCH SFNT 7TX/FX
ST
2891007
https://www.phoenixcontact.com/us/products/2891007
Dec 2, 2022, 6:37 AM
Page 2 (19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com