Electronic Components Datasheet Search
  English  ▼

X  

CTVP02R Datasheet(PDF) 52 Page - Amphenol Corporation

Part # CTVP02R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTVP02R Datasheet(HTML) 52 Page - Amphenol Corporation

Back Button CTVP02R Datasheet HTML 46Page - Amphenol Corporation CTVP02R Datasheet HTML 47Page - Amphenol Corporation CTVP02R Datasheet HTML 48Page - Amphenol Corporation CTVP02R Datasheet HTML 49Page - Amphenol Corporation CTVP02R Datasheet HTML 50Page - Amphenol Corporation CTVP02R Datasheet HTML 51Page - Amphenol Corporation CTVP02R Datasheet HTML 52Page - Amphenol Corporation CTVP02R Datasheet HTML 53Page - Amphenol Corporation CTVP02R Datasheet HTML 54Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
50
Tri-Start – specials
quadrax and differential twinax contacts
SIZE 8 HIGH SPEED QUADRAX AND DIFFERENTIAL TWINAX
CONTACTS FOR USE IN MIL-DTL-38999 CONNECTORS
Quadrax Contacts consist of an outer contact with four strategically
spaced inner contacts forming two 100 or 150 Ohm matched impedance
differential pairs.
Differential Twinax Contacts consist of an outer contact with two inner
contacts spaced to form one 100 or 150 Ohm matched impedance
differential pair.
Both contacts can be used in connectors for Ethernet 100 Base-T-100
Ohm, Fibre-Channel-150 Ohm and IEEE 1394B FireWire-110 Ohm
applications.
TYPICAL ELECTRICAL PERFORMANCE
•
Bandwidth:
Up to 3 Gigahertz
•
Data rate:
Exceeding 2 Gbits/sec.
•
Voltage rating: 500 Vrms max. @ sea level
•
Dielectric withstanding voltage:
1000 VACrms between all inner contacts @ sea level
500 VACrms between inner and outer contacts @ sea level
Quadrax contacts are also available in ARINC 600 Rectangular connectors. See photo
on right; consult Amphenol Aerospace for further information.
Also available are Quadrax and Twinax Transition Adapters which provide a method of
launching from the high speed connectors to PCB boards.
Consult Amphenol Aerospace, Sidney NY for ordering information for MIL-DTL-38999
Series III connectors with quadrax and differential twinax contacts. Below is a chart
that provides contact part numbers available, but not limited to, the cables listed. All
contacts are available kitted with or installed into specially modified MIL-DTL-38999
connectors. Consult Amphenol for cables not listed.
D38999 Series III Groundplane Connector with
Quadrax PCB Sockets Installed
Contacts front are Differential Twinax (left) and
Quadrax (right)
CONTACT PART NUMBERS AND APPLICABLE CABLES
FOR USE IN D38999 CONNECTORS
Description
Part Number
Cable Part Number
Impedance
Quadrax Socket
21-33385-21
Draka Fileca F-4703-3
100 Ohm
21-33385-31
Tensolite 26473/02006X-4(LD)
150 Ohm
21-33385-51
Tensolite NF24Q100
100 Ohm
21-33385-61
Tensolite NF22Q100 or Thermax 956-5
100 Ohm
21-33385-61
Tensolite 24450/03089X-4(LD)
110 Ohm
21-33385-71
Tensolite NF26Q100
100 Ohm
21-33385-91
JSFY02
110 Ohm
21-33397-21
PCB (1.035 length)
100 Ohm
21-33397-31
PCB (.866 length
100 Ohm
Quadrax Pin
21-33384-21
Draka Fileca F-4703-3
100 Ohm
21-33384-31
Tensolite 26473/02006X-4(LD)
150 Ohm
21-33384-51
Tensolite NF24Q100
100 Ohm
21-33384-61
Tensolite NF22Q100 or Thermax 956-5
100 Ohm
21-33384-61
Tensolite 24450/03089X-4(LD)
110 Ohm
21-33384-71
Tensolite NF26Q100
100 Ohm
21-33384-91
JSFY02
110 Ohm
21-33398-21
PCB (1.035 length)
100 Ohm
21-33398-31
PCB (.866 length)
100 Ohm
21-33425-1
Right Angle Special
100 Ohm
Differential Twinax Socket
21-33388-21
Tensolite 24463/9P025X-2(LD)
100 Ohm
21-33388-31
Tensolite 26483/03071X-2(LD)
100 Ohm
21-33835-1
PCB (1.035 length)
Differential Twinax Pin
21-33387-21
Tensolite 24463/9P025X-2(LD)
100 Ohm
21-33387-31
Tensolite 26483/03071X-2(LD)
100 Ohm
21-33834-1
PCB (1.035 length)
Quadrax Contact for use in
ARINC 600 Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com