Electronic Components Datasheet Search
  English  ▼

X  

CTVP02R Datasheet(PDF) 10 Page - Amphenol Corporation

Part # CTVP02R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTVP02R Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button CTVP02R Datasheet HTML 6Page - Amphenol Corporation CTVP02R Datasheet HTML 7Page - Amphenol Corporation CTVP02R Datasheet HTML 8Page - Amphenol Corporation CTVP02R Datasheet HTML 9Page - Amphenol Corporation CTVP02R Datasheet HTML 10Page - Amphenol Corporation CTVP02R Datasheet HTML 11Page - Amphenol Corporation CTVP02R Datasheet HTML 12Page - Amphenol Corporation CTVP02R Datasheet HTML 13Page - Amphenol Corporation CTVP02R Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
8
Tri-Start
alternate positioning
AR°
BR°
CR°
DR°
Key & keyway
or
or
or
or
Shell
arrangement
AP°
BP°
CP°
DP°
Size
identification letter
BSC
BSC
BSC
BSC
N
105
140
215
265
A
102
132
248
320
9
B
80
118
230
312
C
35
140
205
275
D
64
155
234
304
E
91
131
197
240
N
95
141
208
236
11,
A
113
156
182
292
13,
B
90
145
195
252
and
C
53
156
220
255
15
D
119
146
176
298
E
51
141
184
242
N
80
142
196
293
A
135
170
200
310
17
B
49
169
200
244
and
C
66
140
200
257
19
D
62
145
180
280
E
79
153
197
272
N
80
142
196
293
21,
A
135
170
200
310
23,
B
49
169
200
244
and
C
66
140
200
257
25
D
62
145
180
280
E
79
153
197
272
N
80
142
188
293
25L,
A
135
170
188
310
33,
B
49
169
188
244
and
C
66
140
188
257
37
D
62
145
188
280
E
79
153
188
272
Master Key/Keyway Position
A plug with a given rotation letter will mate with a receptacle with
the same rotation letter. The angles for a given connector are the
same whether it contains pins or sockets. Inserts are not rotated
in conjunction with the master key/keyway.
PLUG
(front face shown)
RECEPTACLE
(front face shown)
MAIN
KEYWAY
AP
BSC
BP
BSC
DP
BSC
CP
BSC
˚
˚
˚
˚
DR
BSC
˚
CR
BSC
˚
BR
BSC
˚
AR
BSC
˚
MAIN
KEYWAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com