Electronic Components Datasheet Search
  English  ▼

X  

CH341 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CH341
Description  USB bus convert chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH341 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CH341 Datasheet HTML 1Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 2Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 3Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 4Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 5Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 6Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 7Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 8Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
The DataSheet of CH341 (the first)
2
2.2. UART
● Simulate standard serial used to upgrade serial peripheral equipment or increase extra serial via USB.
● Totally compatible with serial application program of computer Windows operation system.
● Hardware full-duplex serial, on-chip transform and receive buffer, supports 50bps~2Mbps
communication baud rate.
● Supporting five, six, seven or eight data bits, supporting odd, even, blank, token and no check.
● Supporting serial transfer and receive enable and serial receive ready etc transfer speed control signal
and MODEM liaison signal.
● Providing RS232, RS485 and RS422 interface through adding level switch equipment external.
● Supporting indirectly access to outside serial EEPROM memory through standard serial
communication.
2.3. Printer port
● Standard USB printer port used to upgrade parallel printer, conforms to relevant USB specification.
● Compatible with Windows operation system, totally compatible with application program under
Windows 2000 and XP without drive program.
● Supports various standard parallel printers, low-speed and high-speed print mode are optional.
● Supports bi-directional communication of IEEE-1284 specification, supports single directional and
bi-directional transfer printer.
2.4. Parallel
● Providing two interface mode: EPP and MEM.
● EPP mode supplies AS#, DS# and WR# etc signal, similar with EPP V1.7 or EPP V1.9.
● MEM mode supplies A0, RD# and WR# etc signal, similar with memory read/write mode.
2.5. Synchronous serial
● Adopts FlexWireTM technology, realize various 2-wire to 5-wire synchronous serial via software.
● As Host/Master endpoint, supports 2-wire and 4-wire etc common synchronous serial.
● 2-wire interface supplies SCL and SDA signal wire, supports four kinds of transfer speed.
3. Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com