Electronic Components Datasheet Search
  English  ▼

X  

CH341 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CH341
Description  USB bus convert chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CH341 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CH341 Datasheet HTML 1Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 2Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 3Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 4Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 5Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 6Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 7Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 8Page - List of Unclassifed Manufacturers CH341 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
The DataSheet of CH341 (the first)
4
4.3.Asynchronous serial interface pins
Pin No.
341A
341T
Pin Name
Pin Type
Pin Description
5
3
TXD
OUT
Serial data output
6
4
RXD
IN
Serial data input, with pull-up resistor
27
19
TEN#
IN
Serial transfer enable, active with low-level, with pull-up
resistor
25
17
RDY#
OUT
Serial receive is ready, low-level active
26
18
TNOW
OUT
Indicate serial interface transfer is carrying out, high-level
active
4
2
ROV#
Tri-state
Output
Serial receive buffer overflow, low-level active
15
No
CTS#
IN
MODEM liaison input signal, clear transfer, low-level
active
16
No
DSR#
IN
MODEM liaison input signal, data equipment is ready,
low-level active
17
No
RI#
IN
MODEM liaison input signal, indication with bell,
low-level active
18
No
DCD#
IN
MODEM communication input signal, carrier wave
detection, low-level active
20
No
DTR#
Tri-state
Output
MODEM liaison output signal, data terminal ready,
low-level active
21
No
RST#
Tri-state
Output
MODEM liaison output signal, request transferring,
low-level active
19
No
OUT#
Tri-state
Output
Self-define common output signal, low-level active
7
5
INT#
IN
Self-define interrupt request, rising edge active, with
pull-up resistor
8
No
IN3
IN
Self-define common input signal, un-connection is
recommended
3
No
IN7
IN
Self-define common input signal, un-connection is
recommended
22
14
SLP#
Tri-state
Output
Sleep state output signal, low-level active
4.4.Print interface mode pins
341A
Pin No.
Pin Name
Pin Type
Pin Description
22~15
D7~D0
Tri-state
Output
8-bit parallel data output, connect to DATA7~DATA0
25
STB#
OUT
Data strobe output, low-level active, connect to STROBE
4
AFD#
OUT
Automatically feed output, low-level active, connect to
AUTO-FEED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com