Electronic Components Datasheet Search
  English  ▼

X  

OB2362MP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OB2362MP
Description  Adaptive Multi-Mode PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OB2362MP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OB2362MP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©On-Bright Electronics
Confidential
Preliminary Datasheet
OB_DOC_DS_236200
- 2 -
OB2362
Adaptive Multi-Mode PWM Controller
GENERAL INFORMATION
Pin Configuration
PRT
VCC
FB
CS
Gate
1
2
3
4
5
6
GND
Ordering Information
Part Number
Description
OB2362MP
SOT23-6, Pb-free in T&R
Package Dissipation Rating
Package
R
JA(℃/W)
SOT23-6
200
Recommended operating condition
Symbol
Parameter
Range
VCC
VCC Supply Voltage
12 to 26V
Absolute Maximum Ratings
Parameter
Value
VCC DC Supply Voltage
VOVP-1V
FB Input Voltage
-0.3 to 7V
CS Input Voltage
-0.3 to 7V
PRT Input Voltage
-0.3 to 7V
Min/Max Operating
Junction Temperature TJ
-40 to 150 ℃
Operating Ambient
Temperature TA
-40 to 85 ℃
Min/Max Storage
Temperature Tstg
-55 to 150 ℃
Lead
Temperature
(Soldering, 10secs)
260 ℃
Note:
Stresses beyond those listed under “absolute
maximum ratings” may cause permanent damage to the device.
These are stress ratings only, functional operation of the device
at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure
to absolute maximum-rated conditions for extended periods
may affect device reliability.
M:SOT23-6
P:Pb-free
Marking Information
Y:Year Code
WW:Week Code(01-52)
S: Internal code
ZZZ: Lot code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com