Electronic Components Datasheet Search
  English  ▼

X  

OB2362MP Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OB2362MP
Description  Adaptive Multi-Mode PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OB2362MP Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OB2362MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 9Page - List of Unclassifed Manufacturers OB2362MP Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©On-Bright Electronics
Confidential
Preliminary Datasheet
OB_DOC_DS_236200
- 6 -
OB2362
Adaptive Multi-Mode PWM Controller
Td_output_ovp
Output OVP debounce time
5
Cycles
In-chip OTP
OTP enter
150
℃
OTP exit
120
℃
Oscillator
FOSC
Normal Oscillation Frequency
VDD=18V,FB=3V,
CS=0V
60
65
70
KHz
f_OSC
Frequency jittering
+/-6
%
F_shuffling
Shuffling frequency
32
Hz
f_Temp
Frequency
Temperature
Stability
1
%
f_VCC
Frequency Voltage Stability
1
%
F_Burst
Burst Mode Switch Frequency
25
KHz
Gate driver
VOL
Output low level @ VDD=18V,
Io=5mA
1
V
VOH
Output high level @ VCC=18V,
Io=20mA
6
V
V_clamping
Output clamp voltage
12
V
T_r
Output rising time 1.2V ~ 10.8V
@ CL=1000pF
100
ns
T_f
Output falling time 10.8V ~ 1.2V
@ CL=1000pF
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com