Electronic Components Datasheet Search
  English  ▼

X  

HF0416413 Datasheet(PDF) 17 Page - Pentair plc. All rights reserved.

Part # HF0416413
Description  HF Side-Mount Filter Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

HF0416413 Datasheet(HTML) 17 Page - Pentair plc. All rights reserved.

Back Button HF0416413 Datasheet HTML 12Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 13Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 14Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 15Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 16Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 17Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 18Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 19Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 20Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Fresh Air enclosure cooling Filter Fans
Spec-01170 A
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
ThermAl mAnAgemenT
17
Performance Data
  hF13 484 cFm (822 m3/hr.) side-mount Filter Fans - standard
elecTricAl dATA
rated Voltage
115
230
24
Frequency (Hz)
50/60
50/60
—
Nominal Current Maximum (Amps)
1.08/1.18
.50/.60
5.0
Power Consumption Maximum (Watts)
112/148
119/158
105
Power Connection
Terminal Block
TYPe 12 / iP54 FilTer FAns
RAL 7035 Light Gray:
Catalog Number
hF1316424
hF1326424
hF1324424
RAL 9011 Black:
Catalog Number
hF1316423
hF1326423
hF1324423
Free Airflow (CFM / m3/hr.)
484/822
484/822
484/822
Airflow with 1 Exhaust Grille (CFM / m3/hr.)
417/708
417/708
417/708
Airflow with 2 Exhaust Grilles (CFM / m3/hr.)
442/751
442/751
442/751
TYPe 12 / iP55 FilTer FAns
RAL 7035 Light Gray:
Catalog Number
hF1316524
hF1326524
hF1324524
RAL 9011 Black:
Catalog Number
hF1316523
hF1326523
hF1324523
Free Airflow (CFM / m3/hr.)
197/335
197/335
197/335
Airflow with 1 Exhaust Grille (CFM / m3/hr.)
155/263
155/263
155/263
Airflow with 2 Exhaust Grilles (CFM / m3/hr.)
175/297
175/297
175/297
FilTer FAn uniT consTrucTion
Fan RPM
2550/2850
2550/2850
2750
Sound Pressure (dBA at 50/60 Hz)
67/70
67/70
70
Operating Temperature Range:
Maximum (°F / °C)
131 / 55
131 / 55
131 / 55
Minimum (°F / °C)
14 / -10
14 / -10
14 / -10
Service Life (hours)
59,000
59,000
57,000
Unit Dimensions - H x W x D (in. / mm)
12.8 x 12.82 x 6.30/325 x 326 x 160
Cutout Dimensions - H x W (in. / mm)
11.50 x 11.50/292 x 292
Weight (lb. / kg)
4.32/1.96
TYPe 12 / iP54 eXhAusT grilles
RAL 7035 Light Gray:
Catalog Number
hg1300404
hg1300404
hg1300404
RAL 9011 Black:
Catalog Number
hg1300403
hg1300403
hg1300403
TYPe 12 / iP55 eXhAusT grilles
RAL 7035 Light Gray:
Catalog Number
hg1300504
hg1300504
hg1300504
RAL 9011 Black:
Catalog Number
hg1300503
hg1300503
hg1300503
Accessories
Replacement Filters:
Type 12 / IP54 Catalog Number
89134427r
89134427r
89134427r
Type 12 / IP55 Catalog Number
89136411r
89136411r
89136411r
Thermostat Catalog Number
TWr60
TWr60
TWr60
Shroud Catalog Number
hh13gs35001, hh13gs61001, hh13ss04001
Above airflow rates at 60 Hz; see performance curves for airflow at 50 Hz and more details.
Unit depth is from the back edge of the grille to the back of the fan.
Exhaust Grilles sold separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com