Electronic Components Datasheet Search
  English  ▼

X  

HF0416413 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # HF0416413
Description  HF Side-Mount Filter Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

HF0416413 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  HF0416413 Datasheet HTML 1Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 2Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 3Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 4Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 5Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 6Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 7Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 8Page - Pentair plc. All rights reserved. HF0416413 Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Fresh Air enclosure cooling Filter Fans
Spec-01170 A
PH 763.422.2211 • FAX 763.576.3200 • PentAirProtect.com
EQUIPMENT PROTECTION
ThermAl mAnAgemenT
2
Performance Data
  hF04 21 cFm (36 m3/hr.) side-mount Filter Fans
elecTricAl dATA
rated Voltage
115
230
24
Frequency (Hz)
50/60
50/60
—
Nominal Current Maximum (Amps)
.10
.07
.14
Power Consumption Maximum (Watts)
8.5/7.0
9.5/8.0
3.4
Power Connection
Terminal Block
TYPe 12 / iP54 FilTer FAns
RAL 7035 Light Gray:
Catalog Number
hF0416414
hF0426414
hF0424414
RAL 9011 Black:
Catalog Number
hF0416413
hF0426413
hF0424413
Free Airflow (CFM / m3/hr.)
21/36
21/36
21/36
Airflow with 1 Exhaust Grille (CFM / m3/hr.)
12/20
12/20
12/20
Airflow with 2 Exhaust Grilles (CFM / m3/hr.)
15/25
15/25
15/25
FilTer FAn uniT consTrucTion
Fan RPM
3250
3250
2100
Sound Pressure (dBA at 50/60 Hz)
34/36
34/36
34/36
Operating Temperature Range:
Maximum (°F / °C)
131/55
131/55
149/65
Minimum (°F / °C)
14/-10
14/-10
-4/-20
Service Life (hours)
61,000
61,000
51,000
Unit Dimensions - H x W x D (in. / mm)
4.42 x 4.44 x 3.65 / 112 x 113 x 93
Cutout Dimensions - H x W (in. / mm)
3.62 x 3.62/92 x 92
Weight (lb. / kg)
.91/.40
TYPe 12 / iP54 eXhAusT grilles
RAL 7035 Light Gray:
Catalog Number
hg0400404
hg0400404
hg0400404
RAL 9011 Black:
Catalog Number
hg0400403
hg0400403
hg0400403
Accessories
Replacement Filters:
Type 12 / IP54 Catalog Number
89134423r
89134423r
89134423r
Thermostat Catalog Number
TWr60
TWr60
TWr60
Above airflow rates at 60 Hz; see performance curves for airflow at 50 Hz and more details.
Unit depth is from the back edge of the grille to the back of the fan.
Exhaust Grilles sold separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com