Electronic Components Datasheet Search
  English  ▼

X  

MB-522 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # MB-522
Description  Leiterplatten-Layout PCB Layout
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

MB-522 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  MB-522 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG MB-522 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
scale:
title:
drawing-no.:
material:
2
1
2
3
4
A
B
C
D
E
F
A
B
C
D
E
F
1
2
3
4
AaBbCcDdEeFfGgHhIiJjKkLlMmNnOoPpQqRrSsTtUuVvWwXxYyZzÄäÖöÜüß1234567890
vertraulich / confidential
Size ISO 14405
Tolerancing ISO 8015
4:1 ( )
weight[g]: 9.413
surface[mm ]: 1619.6
Leiterplatten-Layout
PCB Layout
MB_522
sheet:
2
of:
2
remarks: .
rev. change-no
name
date
100 15-v117
M_Henning
21.09.2015
200 16-0565
M_Henning
13.04.2016
300 17-0765
C_Hennersper
09.05.2017
400 19-1480
M_Steinbach
13.08.2019
dimensioning incl. plating
appr. 21.08.2019 C_Jung
check. 13.08.2019 T_Koschel
drawn 05.05.2015 J_Hegenauer
date
name
general tolerance
ISO 2768 RN 006-01
dimensions <0,5
and symmetry
mH
0.05
A
Last modification
Description
Previous situation
New situation
Modification no.
400
GND keepout Area
collectively
individually
400
positional tolerance drill holes
0.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com