Electronic Components Datasheet Search
  English  ▼

X  

MB-522 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # MB-522
Description  Leiterplatten-Layout PCB Layout
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

MB-522 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  MB-522 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG MB-522 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
scale:
title:
drawing-no.:
material:
2
1
2
3
4
A
B
C
D
E
F
A
B
C
D
E
F
1
2
3
4
AaBbCcDdEeFfGgHhIiJjKkLlMmNnOoPpQqRrSsTtUuVvWwXxYyZzÄäÖöÜüß1234567890
vertraulich / confidential
10x 0.8+0.05
-0.05
4x 0.95+0.1
1.4+0.1
-0.1
0.3+0.1
0.5
22.6
5.7
8.7
12.9
15.9
1.5
2.2+0.1
-0.1
The stated dimensions are recommendations only.
Size ISO 14405
Tolerancing ISO 8015
4:1
weight[g]: 9.413
surface[mm ]: 1619.6
Leiterplatten-Layout
PCB Layout
MB_522
sheet:
1
of:
2
remarks: .
rev. change-no
name
date
100 15-v117
M_Henning
21.09.2015
200 16-0565
M_Henning
13.04.2016
300 17-0765
C_Hennersper
09.05.2017
400 19-1480
M_Steinbach
13.08.2019
dimensioning incl. plating
appr. 21.08.2019 C_Jung
check. 13.08.2019 T_Koschel
drawn 05.05.2015 J_Hegenauer
date
name
general tolerance
ISO 2768 RN 006-01
dimensions <0,5
and symmetry
mH
0.05
A
A wide variety of transmissionline topologies and pcb-parameters like
permittivity, substrate thickness, and board-stackup are applied by
customers. These parameters have a strong impact on the high frequency
performance of the mounted connector.
Please note, that the given layout is not optimised to fit all of the
possible board configurations regarding RF-performance, it represents a
recommendation for optimum solderability of the connector.
In order to guarantee optimum high frequency properties of the connector,
an RF-analysis of the connector to board transition is recommended.
1) All drill holes plated inclusive pads on the backside (padwith min. 0.2mm).
2) Stencil aperture should be derived from copper artwork.
3) Pad geometry is based on calculation for use of a 120µm stencil.
4) Note that the cable connectors are mounted upside-down.
Add a crossing of PCB traces if needed to maintain correct polarity.
5) Keep a minimum clearance of 0.5 mm from data pin solder pads to any ground layers.
Ground layers in middle layers should also be removed in this area. If ground is required
close to the data pins please contact Rosenberger for a customer specific layout
recommendation. The outermost pairs of pads are for mechanical fixation of the connector
to PCB. If a ground layer is used they should be connected to ground.
14 drill holes
Due to the variety of process parameters, Rosenberger cannot guarantee
sufficient results by appliance of this recommendation.
solder area
4)
5)
(5x)
VORSERIE
PRE-SERIES
400
400


Similar Part No. - MB-522

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
More results

Similar Description - MB-522

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010401 E-SWITCH-P010401 Datasheet
28Kb / 1P
Updated PCB Layout
logo
STMicroelectronics
AN576 STMICROELECTRONICS-AN576 Datasheet
55Kb / 6P
PCB LAYOUT OPTIMISATION
03-May-2004
logo
Samtec, Inc
QSE-014-01-L-D-DP-A SAMTEC-QSE-014-01-L-D-DP-A Datasheet
223Kb / 4P
RECOMMENDED PCB LAYOUT
QTH-040-01-F-D-DP-A SAMTEC-QTH-040-01-F-D-DP-A Datasheet
113Kb / 2P
RECOMMENDED PCB LAYOUT
QTS-025-01-F-D-A SAMTEC-QTS-025-01-F-D-A Datasheet
111Kb / 2P
RECOMMENDED PCB LAYOUT
logo
RICOH electronics devic...
RN5T618 RICOH-RN5T618 Datasheet
522Kb / 9P
PCB Layout Guide
July 26, 2013
logo
Maxim Integrated Produc...
MAX2181EVKIT MAXIM-MAX2181EVKIT Datasheet
523Kb / 7P
Proven PCB Layout
Rev 0; 12/13
MAX9947EVKIT MAXIM-MAX9947EVKIT Datasheet
662Kb / 7P
Proven PCB Layout
Rev 0; 1/10
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX14566EEVKIT MAXIM-MAX14566EEVKIT Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com