Electronic Components Datasheet Search
  English  ▼

X  

LM1949 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1949
Description  LM1949 Injector Drive Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1949 Datasheet(HTML) 1 Page - Texas Instruments

  LM1949 Datasheet HTML 1Page - Texas Instruments LM1949 Datasheet HTML 2Page - Texas Instruments LM1949 Datasheet HTML 3Page - Texas Instruments LM1949 Datasheet HTML 4Page - Texas Instruments LM1949 Datasheet HTML 5Page - Texas Instruments LM1949 Datasheet HTML 6Page - Texas Instruments LM1949 Datasheet HTML 7Page - Texas Instruments LM1949 Datasheet HTML 8Page - Texas Instruments LM1949 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM1949
www.ti.com
SNLS349C – FEB 1995 – REVISED MARCH 2013
LM1949 Injector Drive Controller
Check for Samples: LM1949
1
FEATURES
DESCRIPTION
The LM1949 linear integrated circuit serves as an
2
•
Low Voltage Supply (3V–5.5V)
excellent control of fuel injector drive circuitry in
•
22 mA Output Drive Current
modern automotive systems. The IC is designed to
•
No RFI Radiation
control an external power NPN Darlington transistor
that drives the high current injector solenoid. The
•
Adaptable to All Injector Current Levels
current required to open a solenoid is several times
•
Highly Accurate Operation
greater than the current necessary to merely hold it
•
TTL/CMOS Compatible Input Logic Levels
open; therefore, the LM1949, by directly sensing the
actual solenoid current, initially saturates the driver
•
Short Circuit Protection
until the “peak” injector current is four times that of
•
High Impedance Input
the idle or “holding” current (Figure 19–Figure 22).
•
Externally Set Holding Current, IH
This guarantees opening of the injector. The current
is then automatically reduced to the sufficient holding
•
Internally Set Peak Current (4 × IH)
level for the duration of the input pulse. In this way,
•
Externally Set Time-Out
the
total
power
consumed
by
the
system
is
•
Can be Modified for Full Switching Operation
dramatically reduced. Also, a higher degree of
•
Available in Plastic 8-Pin PDIP
correlation of fuel to the input voltage pulse (or duty
cycle) is achieved, since opening and closing delays
of the solenoid will be reduced.
APPLICATIONS
Normally powered from a 5V ± 10% supply, the IC is
•
Fuel Injection
typically operable over the entire temperature range
•
Throttle Body Injection
(
−55°C to +125°C ambient) with supplies as low as 3
•
Solenoid Controls
volts. This is particularly useful under “cold crank”
•
Air and Fluid Valves
conditions when the battery voltage may drop low
enough to deregulate the 5-volt power supply.
•
DC Motor Drives
The LM1949 is available in the plastic PDIP, (contact
factory for other package options).
Typical Application
Figure 1. Typical Application and Test Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1949 NSC-LM1949 Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
LM1949 TI2-LM1949 Datasheet
856Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
logo
National Semiconductor ...
LM1949M NSC-LM1949M Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
LM1949N NSC-LM1949N Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
More results

Similar Description - LM1949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1949 NSC-LM1949 Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
logo
Advanced Technical Mate...
DI17X ATM-DI17X Datasheet
54Kb / 1P
OUTLINE DC INJECTOR
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703008 PHOENIX-2703008 Datasheet
987Kb / 29P
Injector - INJ 1010-T
Dec 6, 2022
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com