Electronic Components Datasheet Search
  English  ▼

X  

LM1949 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM1949
Description  LM1949 Injector Drive Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM1949 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM1949 Datasheet HTML 5Page - Texas Instruments LM1949 Datasheet HTML 6Page - Texas Instruments LM1949 Datasheet HTML 7Page - Texas Instruments LM1949 Datasheet HTML 8Page - Texas Instruments LM1949 Datasheet HTML 9Page - Texas Instruments LM1949 Datasheet HTML 10Page - Texas Instruments LM1949 Datasheet HTML 11Page - Texas Instruments LM1949 Datasheet HTML 12Page - Texas Instruments LM1949 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LM1949
www.ti.com
SNLS349C – FEB 1995 – REVISED MARCH 2013
Figure 21. Alternate Configuration for Zener Z1
POWER DISSIPATION
The power dissipation of the system shown in Figure 1 is dependent upon several external factors, including the
frequency and duty cycle of the input waveform to Pin 1. Calculations are made more difficult since there are
many discontinuities and breakpoints in the power waveforms of the various components, most notably at the
peak-to-hold transition. Some generalizations can be made for normal operation. For example, in a typical cycle
of operation, the majority of dissipation occurs during the hold state. The hold state is usually much longer than
the peak state, and in the peak state nearly all power is stored as energy in the magnetic field of the injector,
later to be dumped mostly through the zener. While this assumption is less accurate in the case of low battery
voltage, it nevertheless gives an unexpectedly accurate set of approximations for general operation.
The following nomenclature refers to Figure 1. Typical values are given in parentheses:
RS
= Sense Resistor (0, 1
Ω)
VH
= Sense Input Hold Voltage (.094V)
VP
= Sense Input Peak Voltage (.385V)
VZ
= Z1 Zener Breakdown Voltage (33V)
VBATT = Battery Voltage (14V)
L1
= Injector Inductance (.002H)
R1
= Injector Resistance (1
Ω)
n
= Duty Cycle of Input Voltage of Pin 1 (0 to 1)
f
= Frequency of Input (10 Hz to 200 Hz)
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com