Electronic Components Datasheet Search
  English  ▼

X  

TIOS1023L Datasheet(PDF) 21 Page - Texas Instruments

Part # TIOS1023L
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS1023L Datasheet(HTML) 21 Page - Texas Instruments

Back Button TIOS1023L Datasheet HTML 17Page - Texas Instruments TIOS1023L Datasheet HTML 18Page - Texas Instruments TIOS1023L Datasheet HTML 19Page - Texas Instruments TIOS1023L Datasheet HTML 20Page - Texas Instruments TIOS1023L Datasheet HTML 21Page - Texas Instruments TIOS1023L Datasheet HTML 22Page - Texas Instruments TIOS1023L Datasheet HTML 23Page - Texas Instruments TIOS1023L Datasheet HTML 24Page - Texas Instruments TIOS1023L Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
9.2.2.3 Driving Inductive Loads
The TIOS102(x) family is capable of magnetizing and demagnetizing large inductive loads. These devices
contain internal circuitry that enables fast demagnetization when configured as either P-switch or N-switch mode.
In P-switch configuration, the load inductor L is magnetized when the OUT pin is driven high. When the PNP is
turned off, there is a significant amount of negative inductive kick back at the OUT pin. This voltage is clamped
internally at about -15 V.
Similarly, in N-switch configuration, the load inductor L is magnetized when the OUT pin is driven low. When the
NPN is turned off, there is a significant amount of positive inductive kick back at the OUT pin. This voltage is
clamped internally at about 15 V.
The equivalent protection circuits are shown in Figure 9-2 and Figure 9-3. The minimum value of the resistive
load R can be calculated as:
VCC
(
)
O LIM
V
R
I
(7)
spacer
L
R
OUT
VCC
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
GND
Figure 9-2. PNP Mode
L
R
OUT
VCC
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
GND
Figure 9-3. NPN Mode
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com