Electronic Components Datasheet Search
  English  ▼

X  

TIOS1023L Datasheet(PDF) 23 Page - Texas Instruments

Part # TIOS1023L
Description  TIOS102 and TIOS102x Digital Sensor Output Drivers with Integrated Surge Protection In Small Packages
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOS1023L Datasheet(HTML) 23 Page - Texas Instruments

Back Button TIOS1023L Datasheet HTML 19Page - Texas Instruments TIOS1023L Datasheet HTML 20Page - Texas Instruments TIOS1023L Datasheet HTML 21Page - Texas Instruments TIOS1023L Datasheet HTML 22Page - Texas Instruments TIOS1023L Datasheet HTML 23Page - Texas Instruments TIOS1023L Datasheet HTML 24Page - Texas Instruments TIOS1023L Datasheet HTML 25Page - Texas Instruments TIOS1023L Datasheet HTML 26Page - Texas Instruments TIOS1023L Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
10 Power Supply Recommendations
The TIOS102 and TIOS102x are designed to operate from a 24-V nominal supply at VCC, but can operate from
supply voltage range of 7 V to 36 V (TIOS1025) or 4.75 V to 36 V (TIOS102, TIOS1023). This supply should be
buffered with at least a 100-nF/100-V capacitor.
www.ti.com
TIOS102, TIOS1023, TIOS1025
SLLSFL4A – FEBRUARY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TIOS102 TIOS1023 TIOS1025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com