Electronic Components Datasheet Search
  English  ▼

X  

AP43771V Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP43771V
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771V Datasheet(HTML) 1 Page - Diodes Incorporated

  AP43771V Datasheet HTML 1Page - Diodes Incorporated AP43771V Datasheet HTML 2Page - Diodes Incorporated AP43771V Datasheet HTML 3Page - Diodes Incorporated AP43771V Datasheet HTML 4Page - Diodes Incorporated AP43771V Datasheet HTML 5Page - Diodes Incorporated AP43771V Datasheet HTML 6Page - Diodes Incorporated AP43771V Datasheet HTML 7Page - Diodes Incorporated AP43771V Datasheet HTML 8Page - Diodes Incorporated AP43771V Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP43771V
Document number: DS42883 Rev. 5 - 2
1 of 14
www.diodes.com
December 2021
© Diodes Incorporated
AP43771V
HIGH-PERFORMANCE USB PD CONTROLLER
Description
The AP43771V is a highly integrated USB Type-C® power delivery
controller
targeted
for
USB
Type-C
adapters
and
charger
applications. It is compatible with Qualcomm® QC4/4+/QC5 protocol,
which supports USB power delivery specification Rev3.0 V1.2
(including optional PPS support).
The AP43771V can support PPS APDO (Augmented Power Data
Object) with 20mV/step voltage resolution and 50mA/step current
resolution for power management. Also embedded is cable-loss
compensation and SOP command for e-Marker detection.
The AP43771V can provide a robust protection scheme with built-in
OVP/OCP/SCP/OTP features.
Supporting emerging multiple Type-C PD applications, the AP43771V
(W-QFN4040-24 (Type A1)) can be used for implementing smart
power-sharing scheme. It monitors the status of other I2C interface
connected ports and leverages the embedded MCU for command
execution through I2C interface to re-allocate the desired power
profile for each Type-C port.
Rich power functions are embedded on the chip to reduce total BOM.
A one-time-programmable ROM is provided for main firmware, and a
multi-time-programmable ROM is provided for user-configuration
data.
Features
Compatible with USB PD Rev3.0 V1.2 (TID = 4305)
Qualcomm QC4/4+/QC5 Protocol Certificated
(QC20201127203)
OTP (One-Time-Programmable) for Main Firmware
MTP (Multi-Time-Programmable) for System Configuration
Built-In Regulator for CV and CC Control
Support SCP/OTP/OVP/UVP with Auto Restart
Support Power-Saving Mode
External N-MOSFET Control for VBUS Power Delivery
Support E-Marker Cable Detection
Support I2C interface (W-QFN4040-24 (Type A1) only)
Operating Voltage Range: 3.3V to 24V
Fewest External Component Count
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
VFB
1
2
3
4
5
6
14
13
12
11
10
9
PWR_EN
ISENP
VCC
OCDRV
IFB
VBUS
CC1
GND
CC2
DP
DN
7
8
V5V
OTP
W-DFN3030-14 (Type A1)
ISENP
1
2
3
4
5
6
18
17
16
15
14
13
OCDRV
GND
SDA
SCL
GPIO4
DN
CC1
CC2
IFB
VFB
OTP
W-QFN4040-24 (Type A1)
Applications
Type-C USB Adapters/Chargers
USB PD Converters
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
USB Type-C® and USB-C® are registered trademarks of USB Implementers Forum.
Qualcomm® is a trademark of Qualcomm Incorporated, registered in the United States and other countries.


Similar Part No. - AP43771V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771 DIODES-AP43771 Datasheet
538Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
October 2019 Rev. 5 - 2
AP43771FBZ-13-FA1 DIODES-AP43771FBZ-13-FA1 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771FBZ-13-FA10 DIODES-AP43771FBZ-13-FA10 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771FBZ-13-FA11 DIODES-AP43771FBZ-13-FA11 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
More results

Similar Description - AP43771V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Diodes Incorporated
AP43770 DIODES-AP43770 Datasheet
361Kb / 9P
HIGH-PERFORMANCE USB PD CONTROLLER
July 2020
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com