Electronic Components Datasheet Search
  English  ▼

X  

AP43771V Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43771V
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771V Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43771V Datasheet HTML 1Page - Diodes Incorporated AP43771V Datasheet HTML 2Page - Diodes Incorporated AP43771V Datasheet HTML 3Page - Diodes Incorporated AP43771V Datasheet HTML 4Page - Diodes Incorporated AP43771V Datasheet HTML 5Page - Diodes Incorporated AP43771V Datasheet HTML 6Page - Diodes Incorporated AP43771V Datasheet HTML 7Page - Diodes Incorporated AP43771V Datasheet HTML 8Page - Diodes Incorporated AP43771V Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AP43771V
Document number: DS42883 Rev. 5 - 2
3 of 14
www.diodes.com
December 2021
© Diodes Incorporated
AP43771V
Pin Descriptions (W-DFN3030-14 (Type A1))
Pin Number
Pin Name
Function
1
VBUS
Output Terminal for Discharge Path.
2
PWR_EN
External NMOS Gate Driver. To control external MOS switch, 1: To enable VBUS voltage
0: Disconnect VBUS.
3
VCC
The power supply of the IC, connected to a ceramic capacitor.
4
ISENP
Input Current Sense Positive Node.
5
OCDRV
CC/CV Output. Open Drain Output for Opto-Coupler.
6
GND
Ground
7
OTP
Source current to external NTC sensor for OTP (Over Temperature Protection). Current amplitude is
programmable.
8
VFB
CV Input. Negative Node of CV OPAMP for Opto-Coupler.
9
IFB
CC Input. Negative Node of CC OPAMP for Opto-Coupler.
10
CC2
Type-C_CC2
11
CC1
Type-C_CC1
12
DN
Type-C_DN
13
DP
Type-C_DP
14
V5V
LDO-5V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com