Electronic Components Datasheet Search
  English  ▼

X  

FDSAS6062 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FDSAS6062
Description  1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FDSAS6062 Datasheet(HTML) 1 Page - Diodes Incorporated

  FDSAS6062 Datasheet HTML 1Page - Diodes Incorporated FDSAS6062 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
FDSAS6062
Rev A
06/18/10
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
FDSAS6062
TM
Package:
Pin Functions:
Pin
Function
1OE Function
2Ground
3
Clock Output
4
VDD
Part Ordering Information:
FDSAS6062
package.
ASSP XO™ for Storage
1


Similar Part No. - FDSAS6062

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
More results

Similar Description - FDSAS6062

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FDSAS2062 PERICOM-FDSAS2062 Datasheet
622Kb / 2P
2.5V CMOS Low-Jitter 62.5 MHz SAS-2 XO
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
UJWIFI026 PERICOM-UJWIFI026 Datasheet
576Kb / 2P
1.8V Clipped Sine Low-Jitter 26 MHz WiFi XO
logo
List of Unclassifed Man...
FN2500170 ETC2-FN2500170 Datasheet
244Kb / 3P
1.8V CMOS Low Jitter XO
logo
Pericom Semiconductor C...
FD-1.8V PERICOM-FD-1.8V Datasheet
260Kb / 3P
1.8V CMOS Low Jitter XO
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
1.8V CMOS Low Jitter XO
FJ-1.8V PERICOM-FJ-1.8V Datasheet
599Kb / 2P
1.8V CMOS Low Jitter XO
FK-1.8V PERICOM-FK-1.8V Datasheet
640Kb / 2P
1.8V CMOS Low Jitter XO
FKQ-1.8V PERICOM-FKQ-1.8V Datasheet
858Kb / 2P
1.8V CMOS Low Jitter XO
FM-1.8V PERICOM-FM-1.8V Datasheet
606Kb / 2P
1.8V CMOS Low Jitter XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com