Electronic Components Datasheet Search
  English  ▼

X  

FDSAS6062 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FDSAS6062
Description  1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FDSAS6062 Datasheet(HTML) 2 Page - Diodes Incorporated

  FDSAS6062 Datasheet HTML 1Page - Diodes Incorporated FDSAS6062 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications are subject to change without notice.
FDSAS6062
Rev A
06/18/10
3.3V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
FDSAS6062
TM
Output Enable / Disable Function
Min.
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Internal Pullup Resistance
30
Output Disable Delay
200
ns
Output Enable Delay
2
ms
Electrical Performance
Min.
Output Frequency
62.5
MHz
Supply Voltage VDD
1.71
1.8
1.89
V
Supply Current, Output Enabled
10
mA
Supply Current, Output Disabled
100
µA
Frequency Stability
±50
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
Output Logic 0, VOL
10% VDD
V
Output Logic 1, VOH
90% VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall Time
1ns
Measured 20/80% of waveform
Jitter, pk-pk
30
ps
100.000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
Absolute Maximum Ratings
Min.
Storage Temperature
-55
+125
°C
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com