Electronic Components Datasheet Search
  English  ▼

X  

AVAG Datasheet(PDF) 2 Page - Logic Fruit Technologies

Part # AVAG
Description  ARINC 818 Video Analyzer & Multiformat VideoGenerator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies

AVAG Datasheet(HTML) 2 Page - Logic Fruit Technologies

  AVAG Datasheet HTML 1Page - Logic Fruit Technologies AVAG Datasheet HTML 2Page - Logic Fruit Technologies AVAG Datasheet HTML 3Page - Logic Fruit Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
806, 8th Floor BPTP
Park Centra Sector–30,
NH–8 Gurgaon – 122001
Haryana (India)
+91-0124 4643950
+1-408 718 9782
info@logic-fruit.com
us@logic-fruit.com
Main Features and Benefits
High speed solution with Data rate supported
up to 4x (1.0625Gbps/2.1250Gbps/4.25Gbps)
over Electrical in terface and/or OpticalFiber.
Fully Integrated and modular solution for
receiving, generating, transmitting, and analyzing
ARINC 818-2 video and protocol
Customizable ARINC Video Resolution such as
1400x1050, 768x1024
Hybrid system that supports both analog and
digital video formats –
ARINC 818-2, DVI-D, HDMI, DisplayPort and
STANAG 3350B supported.
Multitude of video conversion supported as
follows –
DVI-D, DP, STANAG to ARINC818
Support for various framerates and both Copper
and Optical fiber supported for input/output.
GUI for control and configuration support.
Ethernet,USB3.0 GUIcontrol.
Supports analog video formats allowing seamless
integration with legacy systems.
Multiple videos multiplexed can be transmitted in a
single ARINC 818 interface.
AVAG Unit
Software Overview
Software Specification
Video parameter
Resolution
Display and selections
Frame Rate
Pixel Format
Link Rate
Scan Type
Lane selection
Raw data
Tabular format view Option
for saving and reuse it for
later analysis etc.
Video Conversion
DVI/ HDMI/ STANAG/
DP to ARINC 818
1-2 supported ARINC
818 frame formats
1.)VideoOnly
2.) Data Only
3.) Video + Data
4.) Multiplexed Videos



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com