Electronic Components Datasheet Search
  English  ▼

X  

AVAG Datasheet(PDF) 3 Page - Logic Fruit Technologies

Part # AVAG
Description  ARINC 818 Video Analyzer & Multiformat VideoGenerator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LFTECH [Logic Fruit Technologies]
Direct Link  https://www.logic-fruit.com/
Logo LFTECH - Logic Fruit Technologies

AVAG Datasheet(HTML) 3 Page - Logic Fruit Technologies

  AVAG Datasheet HTML 1Page - Logic Fruit Technologies AVAG Datasheet HTML 2Page - Logic Fruit Technologies AVAG Datasheet HTML 3Page - Logic Fruit Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
806, 8th Floor BPTP
Park Centra Sector–30,
NH–8 Gurgaon – 122001
Haryana (India)
+91-0124 4643950
+1-408 718 9782
info@logic-fruit.com
us@logic-fruit.com
Receiver and Transmitter
Datarate-Copper
2x, 1x (1.0625Gbps) Channel
bonding supported
Datarate–Optical
4x, 2x, 1x (1.0625 Gbps)
Frame rate
25/30/50/60 Hz
Video Resolution
1400x1050, 768x1024
Color Encoding
24 bit/pixel, 16bit/pixel
Pixel format
RGB888 and RGB565
Input supported
ARINC818-2, DVI-D,
STANAG 3350B,DP
Scantype
Progressive, Interlaced
Video Synchronization
Line synchronization and
Frame Synchronization
External Video
Synchronization
Supported
Output supported
ARINC818-, DVI-D,
STANAG 3350B, VGA
Portable Computer
ARINC 818-1 Display
Interfaces and Hardware
Specification
GUI control
interfaces
Ethernet 1G,USB 3.0
Video ports
STANAG3350Binputs/output
ARINC818 Optical input/output
ARINC818 Electrical input/output
DVI-D/ HDMI input/output
DP input/output
Physical media
supported
Copper and Fiber optics for both
input/output
Power input
220V AC/50Hz, DCAdopter
Operating
temperature
0° C to +50° C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com