Electronic Components Datasheet Search
  English  ▼

X  

ACD0900 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ACD0900
Description  VHF/UHF CATV/TV Tuner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ACD0900 Datasheet HTML 2Page - ANADIGICS, Inc ACD0900 Datasheet HTML 3Page - ANADIGICS, Inc ACD0900 Datasheet HTML 4Page - ANADIGICS, Inc ACD0900 Datasheet HTML 5Page - ANADIGICS, Inc ACD0900 Datasheet HTML 6Page - ANADIGICS, Inc ACD0900 Datasheet HTML 7Page - ANADIGICS, Inc ACD0900 Datasheet HTML 8Page - ANADIGICS, Inc ACD0900 Datasheet HTML 9Page - ANADIGICS, Inc ACD0900 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Data Sheet - Rev 2.2
05/2005
ACD0900
PERFORMANCE DATA
MEASUREDIN50
Ω SYSTEM
IMPEDANCE REFERENCE PLANE AT PIN 16
.5
5
2
.2
.2
0
-.2
-.5
-1
-2
-5
5
2
1
.5
1
1
2
4
3
5
1:
50 MHz
251.64
Ω
- 222.35 j
Ω
2:
150 MHz
60.89
Ω
-144.22 j
Ω
3:
250 MHz
26.32
Ω
- 89.16 j
Ω
4:
400 MHz
13.24
Ω
- 49.55 j
Ω
5:
500 MHz
10.08
Ω
- 34.10 j
Ω
START: 50 MHz
STOP: 500 MHz
Figure 4: IF Output Impedance
2000MHz
50MHz
.2
.2
5
2
1
.5
IMPEDANCE REFERENCE PLANE AT PIN 6
MEASURED IN 50
Ω SYSTEM
START:
STOP:
1:
50 MHz
183.00
Ω
- 21.75 j
Ω
2:
250 MHz
135.48
Ω
-58.21 j
Ω
3:
750 MHz
75.92
Ω
- 43.12 j
Ω
4:
1000 MHz
64.93
Ω
- 32.29 j
Ω
5:
2000MHz
43.79
Ω
-4.71 j
Ω
0
-.2
-.5
-.1
-2
-5
.5
1
2
5
1
2
3
4
5
Figure 3: RF Input Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com