Electronic Components Datasheet Search
  English  ▼

X  

ACD0900 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACD0900
Description  VHF/UHF CATV/TV Tuner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACD0900 Datasheet HTML 3Page - ANADIGICS, Inc ACD0900 Datasheet HTML 4Page - ANADIGICS, Inc ACD0900 Datasheet HTML 5Page - ANADIGICS, Inc ACD0900 Datasheet HTML 6Page - ANADIGICS, Inc ACD0900 Datasheet HTML 7Page - ANADIGICS, Inc ACD0900 Datasheet HTML 8Page - ANADIGICS, Inc ACD0900 Datasheet HTML 9Page - ANADIGICS, Inc ACD0900 Datasheet HTML 10Page - ANADIGICS, Inc ACD0900 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet - Rev 2.2
05/2005
7
ACD0900
-5.8
MEASUREDIN50
Ω SYSTEM
IMPEDANCE REFERENCE PLANE AT PIN 11
-1
.5
5
2
1
.2
-.17
-.2
-.5
-2
-5
5
4
3
2
1
START: 50 MHz
STOP:
2000 MHz
1:
50 MHz
259.67
Ω
- 1200 j
Ω
2:
612 MHz
- 20.97
Ω
- 50.63 j
Ω
3:
1000 MHz
-9.28
Ω
- 14.88 j
Ω
4:
1500 MHz
-5.36
Ω
7.99 j
Ω
5 :
2000 MHz
0.64
Ω
27.12 j
Ω
Figure 5: LO Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com