Electronic Components Datasheet Search
  English  ▼

X  

PI3B3245 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3B3245
Description  3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3245 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3B3245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI3B3245
3.3V, Hot Insertion
8-Bit, 2-Port, NanoSwitch™
5
PS8162F
09/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Packaging Mechanical: 20-Pin SOIC(S)
.272
.295
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
.022
.037
.004
.009
.291
.322
1
20
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
7.40
8.20
0.55
0.95
0.09
0.25
5.00
5.60
2.00
6.90
7.50
0.65
Max
Min
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
OrderingInformation
OrderingCode
PackageCode
PackageType
PI3B3245Q
Q
20-pinQSOP
PI3B3245QE
Q
Pb-free & Green, 20-pin QSOP
PI3B3245L
L
20-pinTSSOP
PI3B3245LE
L
Pb-free & Green, 20-pin TSSOP
PI3B3245S
S
20-pinSOIC
PI3B3245SE
S
Pb-free & Green, 20-pin SOIC
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com