Electronic Components Datasheet Search
  English  ▼

X  

PI3B3245 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3245
Description  3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3245 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3245 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8162F
09/23/04
Function
BE
A0–7
Disconnect
H
Hi-Z
Connect
L
B0–7
Truth Table(1)
Notes:
H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Block Diagram
PinDescription
PinName
Description
BE
Bus Enable Input (Active LOW)
A0–7
Bus A
B0–7
Bus B
GND
Ground
VCC
Power
PinConfiguration
PI3B3245
3.3V, Hot Insertion
8-Bit, 2-Port, NanoSwitch™
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• Fast Switching Speed - 4.5ns max.
• Ultra Low Quiescent Power (0.2µA Typical)
– Ideally suited for notebook applications
• TTL-compatible control of inputs levels
• Packaging (Pb-free & Green available):
– 20-pin QSOP (Q)
– 20-pin TSSOP (L)
– 20-pin SOIC (S)
Description
PericomSemiconductor’sPI3B3245isa3.3V8-bit,2-portbusswitch
designed with a low On-Resistance (5-ohm) allowing inputs to be
connected directly to outputs. The bus switch creates no additional
propagationaldelayoradditionalgroundbouncenoise.Theswitches
are turned ON by the Bus Enable (BE) input signal.
VCC
NC
1
20
BE
A0
219
B0
A1
318
B1
A2
417
B2
A3
516
B3
A4
615
B4
A5
714
B5
A6
813
B6
A7
912
B7
GND
10
11
A7
A0
B7
B0
BE
SW
SW
A
A
B
BE
SW


Similar Part No. - PI3B3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3245LE PERICOM-PI3B3245LE Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3245LE PERICOM-PI3B3245LE Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245QE PERICOM-PI3B3245QE Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3245QE PERICOM-PI3B3245QE Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
More results

Similar Description - PI3B3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245QEX PERICOM-PI3B3245QEX Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com