Electronic Components Datasheet Search
  English  ▼

X  

ATA7550 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ATA7550
Description  5.0V 2.5Gb/s TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7550 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ATA7550 Datasheet HTML 1Page - ANADIGICS, Inc ATA7550 Datasheet HTML 2Page - ANADIGICS, Inc ATA7550 Datasheet HTML 3Page - ANADIGICS, Inc ATA7550 Datasheet HTML 4Page - ANADIGICS, Inc ATA7550 Datasheet HTML 5Page - ANADIGICS, Inc ATA7550 Datasheet HTML 6Page - ANADIGICS, Inc ATA7550 Datasheet HTML 7Page - ANADIGICS, Inc ATA7550 Datasheet HTML 8Page - ANADIGICS, Inc ATA7550 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
07/01
D1 Package
FEATURES
·
2.5 Gb/s Differential Output TIA
·
Low Group Delay
·
Single +5V Power Supply
·
Small Size: 0.864mm x 1.014mm
·
300mW (typ) Power Dissipation
APPLICATIONS
·
SONET/SDH OC-48/STM-16
·
2.5Gb/s DWDM
·
Fiber optic receivers, transceivers and
transponders
PRODUCT DESCRIPTION
Figure 1: Circuit Block Diagram
The Anadigics ATA7550D1 is a high-speed 5V
transimpedance amplifier (TIA) available in bare die
form and manufactured using an InGaP based HBT
process. The device is used in conjunction with a
photodetector to convert an optical signal into a
differential output voltage. With its low group delay,
the ATA7550 is ideally suited for DWDM applications.
VOUT
VOUT
VCC
CEXT
VBIAS
IIN
GND
GND
GND
GND
GND
CEXT
VOUT
VOUT
IIN
VCC
ATA7550
5.0V 2.5 Gb/s TIA
PRELIMINARY DATA SHEET - Rev 0


Similar Part No. - ATA7550

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
5.0V 10Gb/s TIA
REV 1
ATA7601D1 ANADIGICS-ATA7601D1 Datasheet
194Kb / 8P
5.0V 10Gb/s TIA
REV 1
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
10GB/s Offset Control TIA
REV 0
ATA7602D1 ANADIGICS-ATA7602D1 Datasheet
201Kb / 8P
10GB/s Offset Control TIA
REV 0
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
REV 1.0
More results

Similar Description - ATA7550

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
5.0V 10Gb/s TIA
REV 1
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
10GB/s Offset Control TIA
REV 0
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
2.5Gb/s, 20-Bit Transceiver
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
10Gb/s Differential TIA
TGA4816-EPU TRIQUINT-TGA4816-EPU Datasheet
107Kb / 7P
10Gb/s Differential TIA
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
2.5Gb/s APD preamp Mini-DIL receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com