Electronic Components Datasheet Search
  English  ▼

X  

ATA7550 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ATA7550
Description  5.0V 2.5Gb/s TIA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7550 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ATA7550 Datasheet HTML 1Page - ANADIGICS, Inc ATA7550 Datasheet HTML 2Page - ANADIGICS, Inc ATA7550 Datasheet HTML 3Page - ANADIGICS, Inc ATA7550 Datasheet HTML 4Page - ANADIGICS, Inc ATA7550 Datasheet HTML 5Page - ANADIGICS, Inc ATA7550 Datasheet HTML 6Page - ANADIGICS, Inc ATA7550 Datasheet HTML 7Page - ANADIGICS, Inc ATA7550 Datasheet HTML 8Page - ANADIGICS, Inc ATA7550 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ATA7550
PRELIMINARY DATA SHEET - Rev 0
07/01
Table 1: Pad Description
Figure 2: Die Size and Layout
D
A
P
N
O
I
T
P
I
R
C
S
E
D
T
N
E
M
M
O
C
V
C
C
e
g
a
tl
o
V
y
l
p
p
u
S
e
v
it
i
s
o
PV
0
.
5
+
I
N
I
t
u
p
n
I
A
I
Tt
u
p
n
i
t
n
e
rr
u
c
o
t
o
h
P
C
T
X
E
r
o
ti
c
a
p
a
C
l
a
n
r
e
t
x
e
n
a
r
o
f
n
o
it
c
e
n
n
o
Cff
o
t
u
c
y
c
n
e
u
q
e
rf
w
o
l
e
h
t
s
t
e
S
V
T
U
O
)
d
e
tr
e
v
n
i-
n
o
N
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
Tt
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
1
'
l
a
c
i
g
o
L
V
T
U
O
)
d
e
tr
e
v
n
i(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
Tt
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
0
'
l
a
c
i
g
o
L
225
µm
225
µm
GND
GND
GND
GND
GND
CEXT
VOUT
VOUT
IIN
VCC
Die Size: 864
µm x 1014µm
Pad Size: 100
µm x 100µm
Pad Pitch: 150
µm unless
Die Thickness: 178
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com