Electronic Components Datasheet Search
  English  ▼

X  

AWT1921 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWT1921
Description  Integrated High Power Amp 1610 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT1921 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button AWT1921 Datasheet HTML 4Page - ANADIGICS, Inc AWT1921 Datasheet HTML 5Page - ANADIGICS, Inc AWT1921 Datasheet HTML 6Page - ANADIGICS, Inc AWT1921 Datasheet HTML 7Page - ANADIGICS, Inc AWT1921 Datasheet HTML 8Page - ANADIGICS, Inc AWT1921 Datasheet HTML 9Page - ANADIGICS, Inc AWT1921 Datasheet HTML 10Page - ANADIGICS, Inc AWT1921 Datasheet HTML 11Page - ANADIGICS, Inc AWT1921 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
08/2001
8
AWT1921
D
T
HEAT SINK
E
S
A
A
2
A
1
h
a
SLUG
LE
C
L
e
Notes:
1.
Controlling dimensions : inches
2.
Dimension "d" does not include mold flash, protrusions or gate burrs. Mold flash, rotrusions and gate burrs shall
not exceed 0.006 (0.16mm)
3.
Dimension "e" does not include inter-lead or protrusions. Inter-lead flash and protrusions shall not exceed
4.
0.010 (0.25mm) per side.
5.
Maximum lead twist/skew to be 0.002 (0.05mm)
6.
Mold flash shall not extend more than 0.010 (0.25mm) on any edge of heat slug
Figure 12: Package Outline Drawing
S
E
H
C
N
I
S
R
E
T
E
M
I
L
L
I
M
L
O
B
M
Y
S
N
I
M
X
A
M
N
I
M
X
A
M
E
T
O
N
A7
8
0
.
03
9
0
.
01
2
.
26
3
.
2
1
A0
0
0
.
04
0
0
.
00
0
.
00
1
.
0
2
A7
8
0
.
09
8
0
.
01
2
.
25
2
.
2
B8
0
0
.
02
1
0
.
06
3
.
06
4
.
0
C7
0
0
.
09
0
0
.
08
1
.
05
2
.
0
D0
0
4
.
08
0
4
.
06
1
.
0
16
3
.
0
12
E2
9
2
.
06
9
2
.
02
4
.
72
5
.
72
e5
2
0
.
0C
S
B4
6
.
0C
S
B4
H0
1
4
.
08
1
4
.
01
4
.
0
12
6
.
0
4
h8
1
0
.
04
2
0
.
08
4
.
01
6
.
0
L4
3
0
.
08
3
0
.
06
8
.
07
9
.
0
E
L4
8
.
07
3
.
1
a
080
8
S9
3
1
.
01
4
1
.
04
5
.
35
5
.
35
T9
4
3
.
01
5
3
.
06
8
.
82
9
.
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com