Electronic Components Datasheet Search
  English  ▼

X  

AWT1921 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT1921
Description  Integrated High Power Amp 1610 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT1921 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT1921 Datasheet HTML 1Page - ANADIGICS, Inc AWT1921 Datasheet HTML 2Page - ANADIGICS, Inc AWT1921 Datasheet HTML 3Page - ANADIGICS, Inc AWT1921 Datasheet HTML 4Page - ANADIGICS, Inc AWT1921 Datasheet HTML 5Page - ANADIGICS, Inc AWT1921 Datasheet HTML 6Page - ANADIGICS, Inc AWT1921 Datasheet HTML 7Page - ANADIGICS, Inc AWT1921 Datasheet HTML 8Page - ANADIGICS, Inc AWT1921 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
08/2001
FEATURES
AWT1921
Integrated High Power Amp 1610 MHz
PRELIMINARY DATA SHEET - Rev 1.0
S11
SSOP-28
28 Pin Wide Body w/ Heat Slug
• High Output Intercept Point
• High Linearity
• True Surface Mount Package
• Internal Bias Circuit Requiring Nominal Input
Voltages + 10%
• Low Cost
• Off Chip Output Matching Circuit Allows
Application Optimization
PRODUCT DESCRIPTION
The AWT1921 is a four stage monolithic amplifier for
use in communication systems that require high gain
and output intercept point. The device has been
specifically designed for fixed satellite access
equipment and handset booster amplifier
applications.
Pin 1
Pin 28
Pin 14
Pin 15
GND
V
GS1/RFIN
V
D1
V
D2
GND
GND
GND
V
D3
V
D3
V
GS2
V
SS
V
GS3
GND
GND
GND
V
DD
V
REF
V
D4
V
D4
V
D4
V
D4
V
D4
V
D4
V
D4
V
D4
V
GS4
V
GS4
GND
Figure 1: Pin Layout
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
-
1
,
4
1
,
1
,
8
2
,
5
g
u
l
s
D
N
Gd
n
u
o
r
G
F
R
d
n
a
C
A
2V
1
S
G
F
R
&
N
I
t
u
p
n
I
F
R
&
l
a
n
i
m
r
e
t
e
t
a
G
e
g
a
t
S
t
s
ri
F
7
2V
D
D
)
V
5
+
(t
i
u
c
ri
C
s
a
i
B
f
o
y
l
p
p
u
S
e
v
it
i
s
o
P
4V
2
D
V
9
+
(
y
l
p
p
u
s
n
i
a
r
d
e
g
a
t
S
d
n
o
c
e
S
3V
1
D
)
V
9
+
(
y
l
p
p
u
s
n
i
a
r
d
e
g
a
t
S
t
s
ri
F
8
,
7
,
6
,
5D
N
Gd
n
u
o
r
g
e
c
r
u
o
S
e
g
a
t
S
d
n
o
c
e
S
d
n
a
t
s
ri
F
0
1
,
9V
3
D
)
V
9
+
(
y
l
p
p
u
s
n
i
a
r
d
e
g
a
t
S
d
ri
h
T
1
1V
2
S
G
l
a
n
i
m
r
e
T
e
t
a
G
e
g
a
t
S
d
n
o
c
e
S
6
2V
F
E
R
)
V
5
+
(
n
i
P
l
o
rt
n
o
c
s
a
i
B
2
1V
S
S
)
V
5
-(
ti
u
c
ri
C
s
a
i
B
r
o
f
y
l
p
p
u
S
e
v
it
a
g
e
N
3
1V
3
S
G
l
a
n
i
m
r
e
t
e
t
a
G
e
g
a
t
S
d
ri
h
T
7
1
,
6
1V
4
S
G
l
a
n
i
m
r
e
t
e
t
a
G
e
g
a
t
S
h
tr
u
o
F
5
2
-
8
1V
4
D
F
R
&
)
V
9
+
(
y
l
p
p
u
s
n
i
a
r
d
e
g
a
t
S
h
tr
u
o
F
t
u
o


Similar Part No. - AWT1921

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
372Kb / 8P
Integrated High Power Amp 1610 MHz
REV 4
More results

Similar Description - AWT1921

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
logo
NTE Electronics
NTE1228 NTE-NTE1228 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
NTE828 NTE-NTE828 Datasheet
21Kb / 2P
Integrated Circuit Audio Power Amp, 1.5W
logo
ANADIGICS, Inc
AWT1921S11 ANADIGICS-AWT1921S11 Datasheet
372Kb / 8P
Integrated High Power Amp 1610 MHz
REV 4
AWT921S11 ANADIGICS-AWT921S11 Datasheet
335Kb / 5P
Integrated High Power Amp 900 MHz
Rev. 6
AWT921 ANADIGICS-AWT921 Datasheet
613Kb / 12P
900MHz Integrated Power Amp
Rev 2.0
logo
NTE Electronics
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
Integrated Circuit Audio Power Amp, 5.5W
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
Integrated Circuit Audio Power Amp, 5.8W
NTE1110 NTE-NTE1110 Datasheet
82Kb / 3P
Integrated Circuit Audio Power Amp, 2W
NTE1381 NTE-NTE1381 Datasheet
81Kb / 2P
Integrated Circuit Audio Power Amp, 2.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com