Electronic Components Datasheet Search
  English  ▼

X  

AWT6166R Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6166R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6166R Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6166R Datasheet HTML 1Page - ANADIGICS, Inc AWT6166R Datasheet HTML 2Page - ANADIGICS, Inc AWT6166R Datasheet HTML 3Page - ANADIGICS, Inc AWT6166R Datasheet HTML 4Page - ANADIGICS, Inc AWT6166R Datasheet HTML 5Page - ANADIGICS, Inc AWT6166R Datasheet HTML 6Page - ANADIGICS, Inc AWT6166R Datasheet HTML 7Page - ANADIGICS, Inc AWT6166R Datasheet HTML 8Page - ANADIGICS, Inc AWT6166R Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet - Rev 2.0
02/2006
AWT6166R
ELECTROSTATIC DISCHARGE SENSITIVITY
The AWT6166R part was tested to determine the
ESD sensitivity of each package pin with respect to
ground. All the package pins were subjected to an
ESD pulse event using the Human Body Model
outlined in MIL-STD-883E Method 3015.7 in either
polarity with respect to ground. The pre and post
test I-V characteristics of each pin are recorded. The
ratings on each pin require that it sustain the ESD
event and show no degradation.
18
1
9
8
7
2
3
4
5
6
10
16
11
13
15
12
14
17
GND
VCC2
>+2500 V
<-2500 V
VCC2
>+2500 V
<-2500 V
GND
GND
GND
GND
GND
VCC_OUT
>+2500 V <-2500 V
GSM_OUT
>+2500 V <-2500 V
DCS/PCS_OUT
>+2500 V <-2500 V
GSM_IN
>+2500 V <-2500 V
DCS/PCS_IN
>+2500 V <-2500 V
BS
>+2500 V <-2500 V
TX_EN
>+2500 V <-2500 V
VBATT
>+2500 V <-2500 V
CEXT
>+2500 V <-2500 V
VRAMP
>+2500 V <-2500 V
GND
Figure 3: ESD Pin Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com