Electronic Components Datasheet Search
  English  ▼

X  

AWT6166R Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWT6166R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6166R Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button AWT6166R Datasheet HTML 4Page - ANADIGICS, Inc AWT6166R Datasheet HTML 5Page - ANADIGICS, Inc AWT6166R Datasheet HTML 6Page - ANADIGICS, Inc AWT6166R Datasheet HTML 7Page - ANADIGICS, Inc AWT6166R Datasheet HTML 8Page - ANADIGICS, Inc AWT6166R Datasheet HTML 9Page - ANADIGICS, Inc AWT6166R Datasheet HTML 10Page - ANADIGICS, Inc AWT6166R Datasheet HTML 11Page - ANADIGICS, Inc AWT6166R Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Data Sheet - Rev 2.0
02/2006
AWT6166R
Table 8: Electrical Characteristics for DCS
Unless otherwise stated (VBATT = 3.5 V, PIN = 3.0 dBm, Pulse Width =1154
µs, Duty 25%,
ZIN = ZOUT = 50
Ω, TC = 25 °C, VRAMP = 1.6 V, BS = HIGH, TX_EN = HIGH)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O0
1
7
1-
5
8
7
1z
H
M
r
e
w
o
P
t
u
p
n
I0
0
.
35
m
B
d
P
,
r
e
w
o
P
t
u
p
t
u
O
X
A
M
2
33
3-
m
B
d
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D0
31
3-
m
B
d
V
T
T
A
B
T
,
V
0
.
3
=
C
,
C
°
5
8
=
P N
I
m
B
d
0
=
P
@
E
A
P
X
A
M
5
43
5-
%
z
H
M
5
8
7
1
o
t
0
1
7
1
=
q
e
r
F
1
n
o
i
t
a
l
o
s
I
d
r
a
w
r
o
F-
0
4
-5
3
-m
B
d
W
O
L
=
N
E
_
X
T
,
V
P
M
A
R
V
2
.
0
=
P N
I
m
B
d
5
=
2
n
o
i
t
a
l
o
s
I
d
r
a
w
r
o
F-
2
2
-7
1
-m
B
d
V
,
H
G
I
H
=
N
E
_
X
T
P
M
A
R
,
V
2
.
0
=
P N
I
m
B
d
5
=
s
c
i
n
o
m
r
a
H
F
2 O
F
3
,
O
F
*
n
O
n
(
,
≥
F
,
)
4
O
≤
z
H
G
5
7
.
2
1
-
-
2
2
-
0
2
-
0
1
-
8
-
m
B
d
P T
U
O
≤
m
B
d
2
3
P
,
s
e
s
a
h
P
ll
A
1
:
8
=
R
W
S
V
T
U
O
≤
m
B
d
2
3
y
t
il
i
b
a
t
S-
-
6
3
-m
B
dF T
U
O
<
z
H
G
1
--
0
3
-m
B
dF T
U
O
>
z
H
G
1
s
s
e
n
d
e
g
g
u
R-
-
1
:
0
1R
W
S
V
,
s
e
s
a
h
p
d
a
o
l
ll
A
P T
U
O
≤
m
B
d
2
3
r
e
w
o
P
e
s
i
o
N
X
R-
6
8
-0
8
-m
B
d
F X
T
,
z
H
M
5
8
7
1
=
,
z
H
k
0
0
1
=
W
B
R
F X
R
,
z
H
M
0
8
8
1
o
t
5
0
8
1
=
P T
U
O
≤
m
B
d
2
3
R
W
S
V
t
u
p
n
I-
1
:
5
.
11
:
5
.
2P T
U
O
≤
m
B
d
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com