Electronic Components Datasheet Search
  English  ▼

X  

RFSP5032 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  RFSP5032 Datasheet HTML 1Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 2Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 3Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
5
Table 5: Electrical Specifications - IEEE 802.11a
(TC = +25 °C, VCC = +3.3 V, VPC = +3.3 V, 64 QAM OFDM 54 Mbps)
Note:
(1) EVM includes system noise floor of 1% (-40 dB).
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O0
0
9
4-0
0
9
5z
H
M
n
i
a
G
r
e
w
o
P5
.
3
25
.
4
25
.
5
2B
dP T
U
O
m
B
d
9
1
+
=
e
l
p
p
i
R
n
i
a
G-
6 5
.
0
-B
dd
n
a
b
z
H
M
0
0
1
y
n
a
s
s
o
r
c
A
)
M
V
E
(
e
d
u
ti
n
g
a
M
r
o
t
c
e
V
r
o
r
r
E
)
1
(
-
-
5
.
3
9
2
-
5
.
4
7
2
-
%
B
d
P T
U
O
z
H
G
5
3
.
5
-
0
9
.
4
,
m
B
d
9
1
+
=
e
t
a
r
a
t
a
d
s
p
b
M
4
5
a
1
1
.
2
0
8
-
-
5
.
4
7
2
-
5
.
5
5
2
-
%
B
d
P T
U
O
z
H
G
5
8
.
5
-
5
3
.
5
,
m
B
d
9
1
+
=
e
t
a
r
a
t
a
d
s
p
b
M
4
5
a
1
1
.
2
0
8
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C0
6
10
7
10
8
1A
mP T
U
O
m
B
d
9
1
+
=
s
c
i
n
o
m
r
a
H
o
f
2
o
f
3
-
-
0
4
-
0
4
-
5
3
-
5
3
-
c
B
dP T
U
O
m
B
d
0
2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com