Electronic Components Datasheet Search
  English  ▼

X  

RFSP5032 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # RFSP5032
Description  5 GHz 802.11a WLAN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

RFSP5032 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button RFSP5032 Datasheet HTML 4Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 5Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 6Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 7Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 8Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 9Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 10Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 11Page - ANADIGICS, Inc RFSP5032 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PRELIMINARY DATA SHEET - Rev 1.4
04/2006
RFS P5032
PACKAGE OUTLINE
Figure 8: S32 Package Outline - 12 Pin 3 x 3 x 0.9 mm LPCC
A
B
Index
Area
C
D
E
F
G
I
H
Top
View
Side
View
Bottom
View
1
4
12
Pin 1
2. The terminal #1 identifier and pad numbering convention
shall conform to JESD 95-1 SPP-012
4. Dimension applies to metalized pad and is measured between
0.25 and 0.30 MM from pad tip.
1. All dimensions are in millimeters, angles in degrees.
.
3. Lead coplanarity: 0.05 max.
DIMENSION
MIN
TYP
MAX
A
2.90
3.00
3.10
B
2.90
3.00
3.10
C
0.80
0.90
1.00
D
0.00
0.02
0.05
E
1.50
1.65
1.80
F
1.00 BSC.
G
0.180 0.250 0.300
H
0.50 BSC.
I
0.35
0.40
0.45
MILLIMETERS
ZZZX
YWW
AN1R
TOP BRAND
NOTES:
1. Pin 1 INDICATOR:
LASER MARK
2. ANADIGICS LOGO SIZE:
N/A
3. TEXT:
TYPE:
ELITE
SIZE:
1.5 Point
4. PART NUMBER:
AN = PART NUMBER
1 = CURRENT ISSUE NUMBER OF BOM
R = RoHS COMPLIANCE
5. YEAR AND WORK WEEK:
YWW = LAST DIGIT OF YEAR, TWO DIGIT WORK WEEK
6. WAFER LOT NUMBER:
ZZZ = LAST THREE DIGITS OF LOT NUMBER
7. COUNTRY CODE:
X = C for CHINA, H for HONG KONG,
T for THAILAND, W for TAIWAN,
P for PHILIPPINES, I for INDONESIA
Figure 9: Branding Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com