Electronic Components Datasheet Search
  English  ▼

X  

APL5551 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5551
Description  Dual Channel 500mA/500mA Regulator Reset IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5551 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5551 Datasheet HTML 1Page - Anpec Electronics Coropration APL5551 Datasheet HTML 2Page - Anpec Electronics Coropration APL5551 Datasheet HTML 3Page - Anpec Electronics Coropration APL5551 Datasheet HTML 4Page - Anpec Electronics Coropration APL5551 Datasheet HTML 5Page - Anpec Electronics Coropration APL5551 Datasheet HTML 6Page - Anpec Electronics Coropration APL5551 Datasheet HTML 7Page - Anpec Electronics Coropration APL5551 Datasheet HTML 8Page - Anpec Electronics Coropration APL5551 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2005
www.anpec.com.tw
2
APL5551
Ordering and Marking Information
°
Package Code
K : SOP-8
KA : SOP-8-P
Temp. Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5551
APL5551
XXXXX
APL5551 K / KA:
XXXXX - Date Code
Handling Code
Lead Free Code
Temp. Range
Package Code
Detection Voltage
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.
Pin Description
PIN
No.
Name
I/O
Description
1
VIN
I
Voltage supply input pin.
2
VOUT1
O
Regulator output pin.
3
Cd
O
Delay time capacitor pin, RESET pin output delay time can be set by
the capacitor connected to the Cd pin. tPLH = 130000
∗C, tPLH :
transmission delay time (s), C:capacitor value (F)
4
VDET
I
Input pin of voltage detection.
5
VOUT2
O
Regulator output pin.
6
RESET
O
Input voltage detection output pin , high = VDET<VS , low = VDET>VS
7
GND
GND pin
8
CONT
I
VOUT1 on/off-control pin, VOUT1 will be turn off when CONT pull to low.
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
CONT
VOUT1 Shutdown Control Pin
6.5
V
VDET
RESET Pin Supply Voltage
6.5
V
RTH,JA
Thermal Resistance – Junction to Ambient
SOP-8
SOP-8-P
150
80
°C/W
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com