Electronic Components Datasheet Search
  English  ▼

X  

APL5551 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5551
Description  Dual Channel 500mA/500mA Regulator Reset IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5551 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5551 Datasheet HTML 1Page - Anpec Electronics Coropration APL5551 Datasheet HTML 2Page - Anpec Electronics Coropration APL5551 Datasheet HTML 3Page - Anpec Electronics Coropration APL5551 Datasheet HTML 4Page - Anpec Electronics Coropration APL5551 Datasheet HTML 5Page - Anpec Electronics Coropration APL5551 Datasheet HTML 6Page - Anpec Electronics Coropration APL5551 Datasheet HTML 7Page - Anpec Electronics Coropration APL5551 Datasheet HTML 8Page - Anpec Electronics Coropration APL5551 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2005
www.anpec.com.tw
4
APL5551
Electrical Characteristics (Cont.)
APL5551
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
VDROP
Dropout Voltage
(Note)
(VOUT (Nominal) =
3.3V Version)
IOUT = 500mA
450
600
mV
PSRR
Ripple Rejection
F
≤ 1kHz, 1Vpp at I
OUT = 50mA
45
55
dB
OTS
Over Temperature
Shutdown
155
170
°C
Over Temperature
Shutdown Hysteresis
Hysteresis
15
°C
TC
Output Voltage
Temperature Coefficient
Ta= -20 ~ 80°C
100
200
ppm/
°C
COUT
Output Capacitor
4.7
µF
ESR
0.01
1
Ω
Regulator2
VOUT2
Output Voltage
VIN = 5V
2.744
2.8
2.856
V
ILIMIT
Circuit Current Limit
VIN = 5V
800
mA
IOUT
Load Current
500
mA
REGLINE Line Regulation
VOUT+0.5V< VIN<6.0V, IOUT = 10mA
4
6
mV
REGLOAD Load Regulation
VIN =5V, 0mA< IOUT < IMAX
25
60
mV
VDROP
Dropout Voltage
(Note)
(VOUT (Nominal) =
2.8V Version)
IOUT = 500mA
500
650
mV
PSRR
Ripple Rejection
F
≤1kHz, 1Vpp at I
OUT = 50mA
45
55
dB
OTS
Over Temperature
Shutdown
170
°C
Over Temperature
Shutdown Hysteresis
Hysteresis
15
°C
TC
Output Voltage
Temperature Coefficient
Ta = -20 ~ 80°C
100
200
ppm/
°C
COUT
Output Capacitor
4.7
µF
ESR
0.01
1
Ω
RESET / RESET
VS
Detection Voltage
VDET = H
àL
3.822
3.9
3.978
V
△VS/△T
Vs Temperature
Coefficient
Ta = -20~+80°C
100
ppm/°C
△VS
Hysteresis Voltage
VDET = H
àL
130
180
230
mV
Unless otherwise noted these specifications apply over full temperature , V
IN = 5V, CIN = 1µF, COUT1 = 4.7µF,
C
OUT2 = 4.7µF, CONT = VIN, TA = -40 to 85°C . Typical values refer to TA = 25°C .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com