Electronic Components Datasheet Search
  English  ▼

X  

APA0711XAI Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA0711XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0711XAI Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA0711XAI Datasheet HTML 1Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 2Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 3Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 4Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 5Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 6Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 7Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 8Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.1W Mono Low-Voltage Audio Power Amplifier
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
The APA0710 is a bridged-tied load (BTL) or singled-
ended (SE) audio power amplifier developed especially
for low-voltage applications where internal speakers
and external earphone operation are required. The
APA0711 is a only BTL audio power amplifier developed
especially for low-voltage applications where internal
speakers are required. Operating with a 5V supply,
the APA0710/1 can deliver 1.1W of continuous power
into a BTL 8
Ω load at 10% THD+N throughout voice
band frequencies. Although this device is characterized
out to 20kHz,its operation is optimized for narrow band
applications such as wireless communications. The
BTL configuration eliminates the need for external
coupling capacitors on the output in most applications,
which is particularly important for small battery-powered
equipment. A unique feature of the APA0710 is that it
allows the amplifier to switch from BTL to SE on the
fly when an earphone drive is required. This eliminates
complicated mechanical switching or auxiliary devices
just to drive the external load. This device features a
shutdown mode for power-sensitive applications with
special depop circuitry to eliminate speaker noise when
exiting shutdown mode. The APA0710/1 are available
in an 8-pin SOP and 8-pin MSOP-P with enhanced
thermal pad.
• Operating Voltage : 2.6V-5.5V
• APA0710 Compatible with TPA711
APA0711 Compatible with TPA751
• Bridge-TiedLoad (BTL) or Single-Ended (SE)
Modes Operation (for APA0710 only)
• Supply Current
– I
DD=1.3mA at V
DD
=5V ,BTL mode
– I
DD=0.9mA at V
DD
=3.3V ,BTL mode
• LowShutdown Current
– I
DD=0.1µA
• LowDistortion
– 630mW, at VDD=5V, BTL, RL=8
Ω
THD+N=0.15%
– 280mW, at VDD=3.3V, BTL, RL=8
Ω
THD+N=0.15%
• Output Power
at 1% THD+N
– 900mW, at VDD=5V, BTL, RL=8
Ω
– 400mW, at VDD=3.3V, BTL, RL=8
Ω
at 10% THD+N
–1.1W at VDD=5V, BTL, RL=8
Ω
–480mW at VDD=3.3V, BTL, RL=8
Ω
• Depop Circuitry Integrated
• Thermal Shutdown Protection and
Over Current Protection Circuitry
• High supplyvoltage ripple rejection
• Surface-MountPackaging
– 8 pin MSOP-P (with enhanced thermal pad)
power package available
– SOP-8 package
• Lead FreeAvailable (RoHSCompliant)
Features
General Description
Applications
• Mobil Phones
• PDAs
• Digital Camera
• Portable Electronic Devices


Similar Part No. - APA0711XAI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0713KI-TRG ANPEC-APA0713KI-TRG Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA0714QBI-TRG ANPEC-APA0714QBI-TRG Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
APA0714XAI-TRG ANPEC-APA0714XAI-TRG Datasheet
462Kb / 25P
3W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - APA0711XAI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6890 MOSA-MS6890_1 Datasheet
307Kb / 10P
Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
1.1W Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
1.1W Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com