Electronic Components Datasheet Search
  English  ▼

X  

APA0711XAI Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APA0711XAI
Description  1.1W Mono Low-Voltage Audio Power Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA0711XAI Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APA0711XAI Datasheet HTML 17Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 18Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 19Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 20Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 21Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 22Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 23Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 24Page - Anpec Electronics Coropration APA0711XAI Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Oct., 2005
APA0710/0711
www.anpec.com.tw
21
In Figure 2, input SE/BTL operates as follows :
When the phonejack plug is inserted, the 1k
Ω resistor
is disconnected and the SE/BTL input is pulled high
and enables the SE mode.
When this input goes high level, the Vo- amplifier is
shutdown causing the speaker to mute. The Vo+
amplifier then drives through the output capacitor (C
C)
into the headphone jack.
When there is no headphone plugged into the system,
the contact pin of the headphone jack is connected
from the signal pin, the voltage divider set up by
resistors 100k
Ω and 1kΩ. Resistor 1kΩ then pulls
low the SE/BTL pin, enabling the BTL function.
Input Capacitor, Ci
In the typical application an input capacitor, Ci, is
required to allow the amplifier to bias the input signal
to the proper DC level for optimum operation. In this
case, Ci and the minimum input impedance Ri form a
high-pass filter with the corner frequency determined
in the follow equation :
Application Descriptions (Cont.)
Control
Pin
1k
Ω
VDD
100k
Ω
SE/BTL
Headphone
Jack
100k
Ω
vo+
Figure 2: SE/BTL input selection by phonejack plug
FC(highpass)=
1
2
πRiCi
(2)
The value of Ci is important to consider as it directly
affects the low frequency performance of the circuit.
Consider the example where Ri is 100k
Ω and the
specification calls for a flat bass response down to
40Hz. Equation is reconfigured as follow :
Ci=
1
2
πRifC
(3)
source or a resistor divider network or the mono head-
phone jack with switch pin as shown in Application
Circuit.
Output SE/BTL Operation (for APA0710 only)
Consider to input resistance variation, the Ci is 0.04
µF
so one would likely choose a value in the range of
0.1
µF to 1.0µF.
A further consideration for this capacitor is the leakage
path from the input source through the input network
(Ri+Rf, Ci) to the load.
This leakage current creates a DC offset voltage at the
input to the amplifier that reduces useful headroom,
especially in high gain applications. For this reason a
low-leakage tantalum or ceramic capacitor is the best
choice. When polarized capacitors are used, the
positive side of the capacitor should face the amplifier
input in most applications as the DC level there is held
at V
DD/2, which is likely higher that the source DC
level. Please note that it is important to confirm the
capacitor polarity in the application.
Effective Bypass Capacitor, Cbypass
As other power amplifiers, proper supply bypassing is
critical for low noise performance and high power
supply rejection.
The capacitors located on the bypass and power
supply pins should be as close to the dev ice as
possible. The effect of a larger half supply bypass
capacitor will improve PSRR due to increased half-
supply stability. Typical application employ a 5V
regulator with 1.0
µF and a 0.1µF bypass as supply
filtering. This does not eliminate the need for bypassing
the supply nodes of the APA0710/1. The selection of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com