Electronic Components Datasheet Search
  English  ▼

X  

APL5912 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APL5912
Description  0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5912 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APL5912 Datasheet HTML 9Page - Anpec Electronics Coropration APL5912 Datasheet HTML 10Page - Anpec Electronics Coropration APL5912 Datasheet HTML 11Page - Anpec Electronics Coropration APL5912 Datasheet HTML 12Page - Anpec Electronics Coropration APL5912 Datasheet HTML 13Page - Anpec Electronics Coropration APL5912 Datasheet HTML 14Page - Anpec Electronics Coropration APL5912 Datasheet HTML 15Page - Anpec Electronics Coropration APL5912 Datasheet HTML 16Page - Anpec Electronics Coropration APL5912 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2005
APL5912
www.anpec.com.tw
13
Application Information (Cont.)
The APL5912 is designed with a programmable feedback
compensation adjusted by an external feedback network
for the use of wide ranges of ESR and capacitance in
all applications. Ultra-low-ESR capacitors (such as
ceramic chip capacitors), low-ESR bulk capacitors
(such as solid tantalum, POSCap, and Aluminum
electrolytic capacitors) can all be used as an output
capacitor. The value of the output capacitors can be
increased without limit.
During load transients, the output capacitors, depending on
the stepping amplitude and slew rate of load current,
are used to reduce the slew rate of the current seen
by the APL5912 and help the device to minimize the
variations of output voltage for good transient response.
For the applications with large stepping load current,
thelow-ESR bulk capacitors are normally recommended.
Decoupling ceramic capacitors must be placed at the
load and ground pins as close as possible and the
impedance of the layout must be minimized.
Input Capacitor
The APL5912 requires proper input capacitors to supply
current surge during stepping load transients to prevent
the input rail from dropping . Because the parasitic
inductor from the voltage sources or other bulk capacitors
to the VIN pin limit the slew rate of the surge currents.
More parasitic inductance needs m ore input
capacitance.
Ultra-low-ESR capacitors, such as ceramic chip
capacitors, are very good for the input capacitors. An
aluminum electrolytic capacitor (>100
µF, ESR<
300m
Ω) is recommended as the input capacitor. It is
not necessary to use low-ESR capacitors. More ca-
pacitance reduce the variations of the input voltage of
VIN pin.
Feedback Network
Output Capacitor (Cont.)
Figure 1 shows the feedback network between VOUT,
GND and FB pins. It works with the internal error am-
plifier to provide proper frequency response for the
linear regulator. The ESR is the equivalent series
resistance of the output capacitor. The COUT is ideal
capacitance in the output capacitor. The VOUT is the
setting of the output voltage.
The feedback network selection, depending on the val-
ues of the ESR and COUT, has been classified into
three conditions :
• Condition 1 : Large ESR (
≥18mΩ )
- Select the R1 in the range of 400
Ω ~ 2.4kΩ
- Calculate the R2 as the following:
- Calculate the C1 as the following:
• Condition 2 : Middle ESR
- Calculate the R1 as the following:
Select a proper R1(selected) to be a little larger than
the calculated R1.
- Calculate the C1 as the following:
Where R1=R1(selected)
Select a proper C1(selected) to be a little smaller than
V ERR
VFB
R1
R2
C1
VOUT
FB
VOUT
VREF
EAMP
APL5912
C OUT
ESR
Figure 1
(1)
..........
0.8
-
V
0.8
R1
R2
(V)
OUT(V)
(V)
)
(k
)
(k
⋅
=
Ω
Ω
(2)
......
R1
V
40
C1
R1
V
10
)
(k
OUT(V)
(nF)
)
(k
OUT(V)
Ω
Ω
⋅
≤
≤
⋅
[
]
(4)
.........
..........
R1
C
50
ESR
C1
)
(k
OUT(uF)
)
(m
(pF)
Ω
Ω
⋅
+
=
(3)
.........
30
V
37.5
ESR
1500
R1
OUT(V)
)
(m
)
(k
+
⋅
−
=
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com