Electronic Components Datasheet Search
  English  ▼

X  

APL5912 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5912
Description  0.8V Reference Ultra Low Dropout (0.2V@5A) Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5912 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5912 Datasheet HTML 1Page - Anpec Electronics Coropration APL5912 Datasheet HTML 2Page - Anpec Electronics Coropration APL5912 Datasheet HTML 3Page - Anpec Electronics Coropration APL5912 Datasheet HTML 4Page - Anpec Electronics Coropration APL5912 Datasheet HTML 5Page - Anpec Electronics Coropration APL5912 Datasheet HTML 6Page - Anpec Electronics Coropration APL5912 Datasheet HTML 7Page - Anpec Electronics Coropration APL5912 Datasheet HTML 8Page - Anpec Electronics Coropration APL5912 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2005
APL5912
www.anpec.com.tw
2
Package Code
KA : SOP-8-P
Operating Ambient Temp. Range
C : 0 to 70 C
Handing Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5912 -
Handling Code
Temp. Range
Package Code
APL5912
XXXXX
APL5912 KA :
XXXXX - Date Code
Lead Free Code
Ordering and Marking Information
°
Block Diagram
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for
MSL classification at lead-free peak reflow temperature.
GND
VOUT
VIN
VCNTL
Current
Limit
Thermal
Limit
EN
VREF
0.8V
FB
90%
VREF
Delay
POK
Power-
On-Reset
Soft-Start
and
Control Logic
0.4V
UV
EAMP
POK
Typical Application Circuit
1. Using an Output Capacitor with ESR
≥18mΩ
VCNTL
+5V
VOUT
+1.2V/ 5A
C CNTL
1uF
VIN
+1.5V
GND
VOUT
VCNTL
POK
VIN
CIN
100uF
C OUT
220uF
EN
Enable
EN
POK
R3
1k
5
3
8
7
A PL5912
R1
1k
C1
33 nF
VOUT
4
FB
2
R2
2k
(in the range of 12 ~ 48nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com